Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT4801HWSC Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT4801HWSC
Description  Dual Output LCD Bias for Smartphones and Tablets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4801HWSC Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT4801HWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
RT4801H
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4801H-00
May
2016
www.richtek.com
15
VIN = 3.7V, VOP = 5V, VON = 5V,
TR = TF = 10s, IOPN = 5m to 35mA
VOP
(50mV/Div)
VON
(50mV/Div)
IOP
(20mA/Div)
Time (100
s/Div)
Load Transient
VIN = 3.7V, VOP = 5V, VON = 5V,
TR = TF = 10s, IOPN = 10m to 70mA
VOP
(50mV/Div)
VON
(50mV/Div)
IOP
(50mA/Div)
Time (100
s/Div)
Load Transient
VIN = 4.5V, VOP = 5V, VON = 5V,
TR = TF = 10s, IOPN = 5m to 35mA
VOP
(50mV/Div)
VON
(50mV/Div)
IOP
(20mA/Div)
Time (100
s/Div)
Load Transient
VIN = 4.5V, VOP = 5V, VON = 5V,
TR = TF = 10s, IOPN = 10m to 70mA
VOP
(50mV/Div)
VON
(50mV/Div)
IOP
(50mA/Div)
Time (100
s/Div)
Load Transient
VIN = 2.9V to 3.4V, VOP = 5V,
VON = 5V, IOPN = 5mA
VIN
(1V/Div)
VOP
(50mV/Div)
VON
(50mV/Div)
Time (500
s/Div)
Line Transient
VIN
VIN = 3.7V to 4.2V, VOP = 5V,
VON = 5V, IOPN = 5mA
VOP
(50mV/Div)
VIN
(1V/Div)
VON
(50mV/Div)
Time (500
s/Div)
Line Transient
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com