Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PFS35-0R2F1 Datasheet(PDF) 2 Page - Riedon Powertron

Part # PFS35-0R2F1
Description  Power SMD Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PFS35-0R2F1 Datasheet(HTML) 2 Page - Riedon Powertron

  PFS35-0R2F1 Datasheet HTML 1Page - Riedon Powertron PFS35-0R2F1 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
08/17
SPECIFICATIONS (continued)
PFS35
Power SMD Film Resistors
Dimension
mm
tol.
(±mm)
inches
tol.
(±inches)
A
10.3
0.2
0.405
0.008
B
10.1
0.2
0.400
0.008
C
15.3
1.2
0.602
0.047
D
5.08
0.1
0.200
0.004
E
1.5
0.05
0.060
0.002
F
0.75
0.05
0.030
0.002
G
2.2
0.2
0.087
0.008
H
4.5
0.2
0.177
0.008
J
0.5
0.05
0.020
0.002
K
2.5
0.5
0.10
0.02
L
5.0
1.0
0.20
0.04
Power Rating Notes -
The PFS35 Series Resistors must be attached to a suitable
heatsink. The maximum internal resistor temperature is 175°C.
To specify an appropriate heatsink use the following formula :
Where:
R
θ
H = Thermal Resistance of Heatsink ( K/W )
R
θ
R = Thermal Resistance of Resistor ( K/W )
T
MAX = Maximum Temperature of Resistor
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
Back plate is isolated from both pins.
DIMENSIONS
( *
)
R
P
T
P
R
T
H
MAX
R
A
=
-
-
H
H
Power Derating
-50
0
50
100
150
200
Flange Temperature (C)
100
80
60
40
20
0
+175 C
+25 C
% Power



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com