Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16MU154MZ22012 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 16MU154MZ22012
Description  POLYMER MULTI-LAYER CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

16MU154MZ22012 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  16MU154MZ22012 Datasheet HTML 1Page - RUBYCON CORPORATION 16MU154MZ22012 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency
(kHz)
Frequency
(kHz)
Frequency
(kHz)
106
475
105
224
475
105
104
POLYMER MULTI-LAYER CAPACITORS
◆SPECIFICATIONS
・Surface-mounted device.
・Non-polar capacitor.
・Lead free reflow soldering is available.
・Flow soldering is available.
SERIES
MU
Items
Characteristics
−55∼+125℃
16∼63Vdc
100Vdc
0.0001∼22μF
(101∼226)
0.001∼0.1μF
(102∼104)
1.5% or less(1kHz±20%, 5Vrms or less)
Nothing abnormal shall be found, when applying 150% of the rated voltage for 1minute
or 175% of the rated voltage for 1 second to 5 seconds.
C≦0.1μF:3000MΩor more
(After 1 minute application of rated voltage)
C>0.1μF:300MΩ・μF or more
(After 1 minute application of rated voltage)
1000MΩ or more
(After 1 minute application of rated voltage)
±10%
(K)
, ±20%
(M)
MU
□□□
□□□
□□□
□□□□
□□
□
MU
◆PERMISSIBLE CURRENT FOR FREQUENCY
226
226
106
106
224
224
473
473
105
333
333
103
103
153
153
Standard
RoHS
compliance
Category Temperature Range
Rated Voltage Range
Capacitance Range
Capacitance Tolerance
Voltage Proof
Insulation Resistance
Dissipation Factor
(tanδ)
◆PART NUMBER
Rated Voltage
Capacitance
Option
Capacitance
Tolerance
Series
TP code
16Vdc
25Vdc
35Vdc
50Vdc
63Vdc
100Vdc
16
25
35
50
63
100
Code
Rated Voltage
1.6×0.8mm
2.0×1.25mm
3.2×1.6mm
3.2×2.5mm
4.5×3.2mm
5.7×5.0mm
1608
2012
3216
3225
4532
5750
Code
Chip Size
0.0001μF
0.0068μF
0.015μF
0.22μF
3.3μF
22μF
101
682
153
224
335
226
Code
Capacitance
±10%
K
±20%
M
Code
Tolerance
Chip Size
16Vdc
35Vdc
50Vdc


Similar Part No. - 16MU154MZ22012

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
16MU156MD15750 RUBYCON-16MU156MD15750 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
More results

Similar Description - 16MU154MZ22012

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MU RUBYCON-MU Datasheet
200Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16ST335MB33225 RUBYCON-16ST335MB33225 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16MU224MZ22012 RUBYCON-16MU224MZ22012 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16MU225MB23225 RUBYCON-16MU225MB23225 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
35MU684MA23216 RUBYCON-35MU684MA23216 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50ST684MB23225 RUBYCON-50ST684MB23225 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com