Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BUL742 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BUL742
Description  Silicon NPN transistor in a TO-220 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BUL742 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BUL742 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BUL742 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BUL742 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BUL742 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BUL742 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BUL742 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BUL742
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
900
V
Collector to Emitter Voltage
VCEO
400
V
Emitter to Base Voltage
VEBO
12
V
Collector Current - Continuous
IC
4
A
Base Current - Continuous
IB
2
A
Collector Power Dissipation
PC
2
W
Collector Power Dissipation
PC(Tc=25 )
70
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=1mA
IE=0
900
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=10mA
IB=0
400
V
Emitter to Base Breakdown Voltage
VEBO
IE=1mA
IC=0
12
V
Emitter Base Cut-Off Current
ICBO
VCB=900V
IE=0
0.1
mA
Collector Cut-Off Current
ICEO
VCE=400V
IB=0
0.1
mA
Collector cut-off current
IEBO
VEB=12V
IC=0
0.1
mA
DC Current Gain
hFE(1)
VCE=5.0V
IC=0.25A
35
70
hFE(2)
VCE=5.0V
IC=2.0A
10
35
Collector to Emitter Saturation
Voltage
VCE(sat)(1) IC=1.0A
IB=0.2A
0.5
V
VCE(sat)(2) IC=2.0A
IB=0.4A
1.0
V
VCE(sat)(3) IC=4.0A
IB=0.8A
1.5
V
Base to Emitter Saturation Voltage
VBE(sat)
IC=2.0A
IB=0.4A
1.5
V
Fall time
tf
VCE=5V
IC=0.5A
(UI9600)
0.8
μs
Storage time
ts
2
6
μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com