Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF051 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DF051
Description  Fast Recovery Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DF051 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DF051_14 Datasheet HTML 1Page - Dynex Semiconductor DF051_14 Datasheet HTML 2Page - Dynex Semiconductor DF051_14 Datasheet HTML 3Page - Dynex Semiconductor DF051_14 Datasheet HTML 4Page - Dynex Semiconductor DF051_14 Datasheet HTML 5Page - Dynex Semiconductor DF051_14 Datasheet HTML 6Page - Dynex Semiconductor DF051_14 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
www.dynexsemi.com
DF051
CURVES
Fig.2 Maximum (limit) forward characteristics
Fig.3 Maximum (limit) forward characteristics
Fig.4 Recovered charge
Fig.5 Typical reverse recovery current vs rate of rise of
forward current
500
1000
1500
2000
2500
3000
0
1.0
2.0
3.0
4.0
Instantaneous forward voltage VF - (V)
Measured under pulse conditions
Tj = 150˚C
Tj = 25˚C
3500
4000
0
100
200
300
400
500
1.0
1.2
1.4
1.6
Instantaneous forward voltage VF - (V)
Measured under pulse
conditions
Tj = 150˚C
Tj = 25˚C
1
10
100
1000
Rate of rise of reverse current dIR/dt - (A/µs)
1000
100
10000
100000
A: IF = 2000A
B: IF = 1000A
C: IF = 500A
D: IF = 200A
E: IF = 100A
A
B
C
D
E
Conditions:
Tj = 150˚C,
VR = 100V
I
RR
QS
t
p = 1ms
I
F
dI
R/dt
Q
S =
50µs
0
1
10
100
1000
Rate of rise of reverse current dIR/dt - (A/µs)
100
10
1000
10000
Conditions:
Tj = 150˚C,
VR = 100V
A: IF = 2000A
B: IF = 1000A
C: IF = 500A
D: IF = 200A
E: IF = 100A
A
B
D
E
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com