Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3218 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSSC3218
Description  High-End 18-Bit Sensor Signal Conditioner
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3218 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSSC3218 Datasheet HTML 17Page - Integrated Device Technology ZSSC3218 Datasheet HTML 18Page - Integrated Device Technology ZSSC3218 Datasheet HTML 19Page - Integrated Device Technology ZSSC3218 Datasheet HTML 20Page - Integrated Device Technology ZSSC3218 Datasheet HTML 21Page - Integrated Device Technology ZSSC3218 Datasheet HTML 22Page - Integrated Device Technology ZSSC3218 Datasheet HTML 23Page - Integrated Device Technology ZSSC3218 Datasheet HTML 24Page - Integrated Device Technology ZSSC3218 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
ZSSC3218 Datasheet
© 2016 Integrated Device Technology, Inc.
21
April 20, 2016
3.4.
Operational Modes
Figure 3.2 illustrates the ZSSC3218 power-up sequence and subsequent operation depending on the selected
interface communication mode (I
2C™ or SPI) as determined by interface-related first activities after power-up or
reset. If the first command after power-up is a valid I²C™ command, the interface will function as an I²C™
interface until the next power-on-reset. If there is no valid I²C™ command, but an active signal at the SS pin is
detected as the first valid activity, then the interface will respond as an SPI slave. With either interface, after the
voltage regulators are switched on, the ZSSC3218’s low-voltage section (LV) is active while the related interface
configuration information is read from memory. Then the LV section is switched off, the ZSSC3218 goes into
Sleep State, and the interface is ready to receive commands. The interface is always powered by VDD, so it is
referred to as the high voltage section (HV).
See Table 3.1 for definitions of the commands.
Figure 3.3 shows the ZSSC3218 operation in Normal Mode (with two operation principles: “Sleep” and “Cyclic”)
and Command Mode, including when the LV and HV sections are active as indicated by the color legend. The
Normal Mode automatically returns to Sleep State after executing the requested measurements, or periodically
wakes up and conducts another measurement according to the setting for the sleep duration configured by
CYC_period (bits[14:12] in memory register 02HEX). In Command Mode, the ZSSC3218 remains active if a
dedicated command (Start_NOM) is sent, which is helpful during calibration. Command Mode can only be
entered if Start_CM is the first command received after POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com