Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SB1068 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SB1068
Description  TO-92 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SB1068 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SB1068 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SB1068 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SB1068 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SB1068
TRANSISTOR (PNP)
FEATURES
Low Collector Saturation Voltage
High DC Current Gain
High Collector Power Dissipation
Complementary To The 2SD1513 NPN Transistor
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=- 0.1mA,IE=0
-20
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-16
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-16V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-6V,IC=0
-0.1
μA
hFE(1)
VCE=-2V, IC=-0.1A
135
650
DC current gain
hFE(2)
VCE=-2V, IC=-1.5A
100
VCE(sat)1
IC=-1A,IB=-10mA
-0.4
V
VCE(sat)2
IC=-1.5A,IB=-20mA
-0.5
V
Collector-emitter saturation voltage
VCE(sat)3
IC=-1.5A,IB=-75mA
-0.5
V
Base-emitter saturation voltage
VBE (sat)
IC=-1.5A,IB=-75mA
-1.2
V
Base-emitter voltage
VBE
VCE=-6V, IC=-5mA
-0.55
-0.65
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
60
pF
Transition frequency
fT
VCE=-10V,IC=-50mA
100
MHz
CLASSIFICATION OF hFE(1)
RANK
L
K
U
RANGE
135-270
200-400
300-650
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-20
V
VCEO
Collector-Emitter Voltage
-16
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current
-2
A
PC
Collector Power Dissipation
625
mW
RθJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
C,Dec,2015


Similar Part No. - 2SB1068

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1068 NEC-2SB1068 Datasheet
150Kb / 2P
PNP SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
logo
Nanjing International G...
2SB1068 DGNJDZ-2SB1068 Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
2SB1068-TA DGNJDZ-2SB1068-TA Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SB1068 SECOS-2SB1068_15 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
More results

Similar Description - 2SB1068

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com