Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASL09C Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # ASL09C
Description  High Linearity LNA MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL09C Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button ASL09C_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL09C_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL09C_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL09C_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL09C_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL09C_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL09C_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL09C_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL09C_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL09C
5 ~ 4000 MHz High Linearity LNA MMIC
0
200
400
600
800
1000
1200
Frequency (MHz)
0
5
10
15
20
25
0
200
400
600
800
1000
1200
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
Frequency (MHz)
-20
-15
-10
-5
0
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 6 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
50
500
1000
Magnitude S21 (dB)
22.5
21.7
20.9
Magnitude S11 (dB)
-18
-18
-18
Magnitude S22 (dB)
-10
-12
-15
Output P1dB (dBm)
17.0
16.5
16.0
Output IP31) (dBm)
29.0
30.0
30.0
Noise Figure (dB)
0.85
0.95
0.90
Device Voltage (V)
+3.3
Current (mA)
35
CATV, 75 ohm
50 ~ 1000 MHz
(Low Noise)
+5 V
Vsupply=+5 V
ASL09C
C1=10 nF
RF IN
RF OUT
R2=300
C2=10 nF
L3=6.8 nH
C4=100 pF
C5=10
F
L2=5.6 nH
C3=1
F
L4=47 nH
R1=820
L1=820 nH
R3=75 k
RD=51 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com