Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI9182DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9182DB
Description  Si9181DB/Si9182DB Demonstration Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9182DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9182DB Datasheet HTML 1Page - Vishay Siliconix SI9182DB Datasheet HTML 2Page - Vishay Siliconix SI9182DB Datasheet HTML 3Page - Vishay Siliconix SI9182DB Datasheet HTML 4Page - Vishay Siliconix SI9182DB Datasheet HTML 5Page - Vishay Siliconix SI9182DB Datasheet HTML 6Page - Vishay Siliconix SI9182DB Datasheet HTML 7Page - Vishay Siliconix SI9182DB Datasheet HTML 8Page - Vishay Siliconix SI9182DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Si9181DB/Si9182DB
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2
Document Number: 71306
26-Sep-00
POWER UP CHECK LIST AND OPERATION
Visually inspect the PCB to be sure that all the components are
intact and no foreign substance is lying on the board.
1
Insert jumper JP2 and remove jumper JP3.
2
Insert JP1 to EN position.
3
Load the output to the rated load current.
4
Increase the input from 0 V slowly, while monitoring the
output. Note the regulated output voltage.
5
Increase the input to 6 V and check the line regulation. Vary
the load from 0 to 350 mA (Si9181DB) and 0 to 250 mA
(Si9182DB) and check the load regulation.
6
Follow the “Typical Waveforms and Performance” to verify
the dropout, transient response ground current and output
noise.
DROPOUT VOLTAGE
The dropout voltage is defined as the input to output voltage
differential measured, when the output drops by 100 mV from
its normal value. The output voltage is nominal at VIN equal to
VOUT + 1. The dropout voltage is different at different output.
Plots in Figure 1 and Figure 3 show the typical dropouts
measured on bench at 25
_C ambient temperature.
LOAD TRANSIENT RESPONSE
The Si9181DB and Si9182DB are provided with additional
circuit to measure the load step response from 1 to 150 mA
with 2-
mSec load rise/fall times. The load step and slew-rate
can be easily changed by selecting R4, R5, R7 and R8.
Remove the external load from the output, insert the jumper
JP3 and apply 5-Vpk-pk/5-kHz square wave signal at P5
(TRAN). Remove the oscilloscope probe-cap and insert the
probe into the probe-clip. Set the oscilloscope to 10 mV/div
and 5-
mSec/div. Refer to Figures 3 through 5 for typical load
transient waveform.
GROUND CURRENT
Remove the jumper JP2 and insert micro-ampere meter. Use
thick and short wires to connect the meter. Vary the load to
measure the ground current at all loads. (See Figure 2.)
0
50
100
150
200
250
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FIGURE 1. Dropout Voltage Si9181DB/Si9182DB
Si9181DB, IOUT = 350 mA
VOUT (V)
Si9182DB, IOUT = 250 mA
Dropout vs. VOUT
FIGURE 2. Ground Current Measurement
Ground Current Measurement
JP2
VOUT
VIN
LOAD
GND
GND
Si9181DB/Si9182DB
mA–meter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com