Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471QS5RB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471QS5RB
Description  PTC Thermistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471QS5RB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PRF18BE471QS5RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF18BE471QS5RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BE471QS5RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PRF18BE471QS5RB from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PRF18BE471QS5RB
PRF18BE471QS5RB
Specifications
Max. Voltage
32V
Sensing Temperature
℃
85
Sensing Temperature Tolerance
℃
±5
Measure Condition of Sensing
Temperature
at 4.7k ohm
Sensing Temperature(2)
℃
100
Sensing Temperature (2) Tolerance
℃
±7
Measure Condition of Sensing
Temperature(2)
at 47k ohm
Resistance
℃
(25
)
470Ω
Resistance Value Tolerance (at
℃
25
)
±50%
Operating Temperature Range
-
℃
40
to
℃
150
Size Code (in mm)
1.6x0.8mm
Size Code (in inch)
0.6x0.3inch
Shape
SMD
Mass
0.004g
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2017/09/07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com