Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2030-42T-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2030-42T-SM-RPLF
Description  Fast Acting 3-Electrode Miniature Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2030-42T-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2030-42T-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2030-42T-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2030-42T-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Size: 5 mm diameter, 7.3 mm length
Very fast acting
Small size
Stable breakdown throughout life
Designed to operate with TBU® devices
RoHS compliant* versions available
UL Recognized
Applications
Telecommunications
Industrial electronics
Avionics
Characteristics
2030-xxT-SM Series - Fast Acting 3-Electrode Miniature Gas Discharge Tube
“TBU” is a registered trademark of Bourns, Inc. in the United States and other countries.
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Characteristic
Model No.
2030-23T
2030-42T
Minimum DC Sparkover (100 V/s) Throughout Service Life
185 V
360 V
Maximum Impulse Sparkover (1) (5 kV/μs) Throughout Service Life
650 V
850 V
Insulation Resistance (IR) ..................50 V / 100 V............................................................................ > 1010 Ω
Glow Voltage ......................................10 mA ..................................................................................... ~ 70 V
Arc Voltage .........................................>1 A ........................................................................................ ~ 10 V
Glow-Arc Transition Current ............................................................................................................... < 0.5 A
Capacitance........................................1 MHz ..................................................................................... < 1 pF
DC Holdover Voltage (Network Applied per ITU-T K.12)
2030-23T .......................................80 V ....................................................................................... < 150 ms
2030-42T .......................................135 V ..................................................................................... < 150 ms
Impulse Service Life ...........................8/20 μs, 4 kA........................................................................... 1 operation (2)
1.2/50 μs - 500 V .................................................................... 150 operations (2) (3)
10/1000 μs, 1 kV, 100 A.......................................................... 25 operations (2)
2/10 μs, 6 kV, 500 A................................................................ 10 operations (2)
10/700 μs, 6 kV, 150 A............................................................ 5 operations (2)
AC Service Life...................................600 V, 1 Arms, 0.2 sec............................................................ 5 operations
Operating Temperature Range ........................................................................................................... -40 °C to +90 °C
Storage Temperature Range .............................................................................................................. -55 °C to +90 °C
Notes:
(2) The rated discharge current is the total current equally divided between each line to ground and operation(s) are performed in both
polarities. The polarity of lightning surge tests should be reversed between consecutive surges.
(3) Per IEC 61643-21.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
Port Protection
GDT Device P/N
TBU® Device P/N
CanBus
2030-23T-SM-RPLF
TBU-CA065-100-WH
RS232
2030-23T-SM-RPLF
TBU-CA065-200-WH
RS422
2030-23T-SM-RPLF
TBU-CA065-200-WH
RS485
2030-23T-SM-RPLF
TBU-CA065-200-WH
RS485
2030-42T-SM-RPLF
TBU-CA085-200-WH
SDI
2030-23T-SM-RPLF
TBU-CA065-100-WH
Applications
Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards.
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2030-42T-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2030-42T-SM-RPLF BOURNS-2030-42T-SM-RPLF Datasheet
315Kb / 3P
Fast Acting 3-Electrode Miniature Gas Discharge Tube
More results

Similar Description - 2030-42T-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2030-23T-SM-RPLF BOURNS-2030-23T-SM-RPLF Datasheet
322Kb / 3P
2030-xxT-SM Series - Fast Acting 3-Electrode Miniature Gas Discharge Tube
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
3-Electrode Gas Discharge Tube (GDT)
UN3E5-75LM SOCAY-UN3E5-75LM Datasheet
443Kb / 4P
3-Electrode Gas Discharge Tube (GDT)
logo
Bourns Electronic Solut...
2030-23T BOURNS-2030-23T Datasheet
322Kb / 3P
Fast Acting 3-Electrode Miniature Gas Discharge Tube
logo
Socay Electornics Co., ...
UN3E5-470BSMD SOCAY-UN3E5-470BSMD Datasheet
112Kb / 2P
3-Electrode SMD Gas Discharge Tube
logo
Bourns Electronic Solut...
2030-23T BOURNS-2030-23T_15 Datasheet
315Kb / 3P
Fast Acting 3-Electrode Miniature Gas Discharge Tube
2038-15-SM BOURNS-2038-15-SM_16 Datasheet
242Kb / 3P
Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
logo
Socay Electornics Co., ...
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
3-Electrode Gas Discharge Tube (GDT)
UN328-150HM SOCAY-UN328-150HM Datasheet
357Kb / 5P
3-Electrode Gas Discharge Tube (GDT)
SC3E6 SOCAY-SC3E6 Datasheet
1Mb / 4P
3-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com