Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CASR-6-NP Datasheet(PDF) 9 Page - LEM

Part # CASR-6-NP
Description  CAS / CASR / CKSR series Current Transducers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR-6-NP Datasheet(HTML) 9 Page - LEM

Back Button CASR-6-NP Datasheet HTML 5Page - LEM CASR-6-NP Datasheet HTML 6Page - LEM CASR-6-NP Datasheet HTML 7Page - LEM CASR-6-NP Datasheet HTML 8Page - LEM CASR-6-NP Datasheet HTML 9Page - LEM CASR-6-NP Datasheet HTML 10Page - LEM CASR-6-NP Datasheet HTML 11Page - LEM CASR-6-NP Datasheet HTML 12Page - LEM CASR-6-NP Datasheet HTML 13Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CASR 6-NP LTSR 6-NP CASR 15-NP LTSR 15-NP CASR25-NP LTSR25-NP
Nominal current, I
PN
A
6
15
25
Measuring range
A
20
19.2
51
48
85
80
Response time
us
< 0.3
0.4
< 0.3
0.4
< 0.3
0.4
Bandwidth (±1 dB)
kHz
200
200
200
200
200
200
Output voltage noise, 100 Hz..10 kHz (typ.)
mVpp
1.7
10
0.7
4.2
0.4
2.5
Output
Voltage
Voltage
Voltage
Sensitivity
mV/A
104.2
41.7
25.0
Sensitivity error (max)
% of I
PN
0.7
0.6
0.7
0.6
0.7
0.6
Offset drift (25°C .. 85°C) (max)
% of I
PN
0.72
3.6
0.48
1.5
0.24
0.9
Sensitivity drift (25°C .. 85°C) (max)
% of I
PN
0.24
0.3
0.24
0.3
0.24
0.3
Linearity (max)
% of I
PN
0.1
0.1
0.1
0.1
0.1
0.1
Accuracy at +25 °C (max)
% of I
PN
0.8
0.70
0.8
0.70
0.8
0.70
Accuracy at +85 °C (max)
% of I
PN
1.8
4.60
1.5
2.54
1.3
1.90
Offset max
mV
5.3
25
2.2
25
1.4
25
Operating temperature range
°C
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
Fig. 7. Comparison between CAS and LTS ; CASR and LTSR models – Electrical performances

CAS 6-NP LTS 6-NP CAS 15-NP LTS 15-NP CAS 25-NP LTS 25-NP
Nominal current, I
PN
A
6
15
25
Measuring range
A
20
19.2
51
48
85
80
Response time
us
< 0.3
0.4
< 0.3
0.4
< 0.3
0.4
Bandwidth (±1 dB)
kHz
200
200
200
200
200
200
Output voltage noise, 100 Hz..10 kHz (typ.)
mVpp
2.4
10
1.0
4.2
0.6
2.5
Output
Voltage
Voltage
Voltage
Sensitivity
mV/A
104.2
41.7
25.0
Sensitivity error (max)
% of I
PN
0.7
0.6
0.7
0.6
0.7
0.6
Offset drift (25°C .. 85°C) (max)
% of I
PN
1.92
4.8
1.68
2.9
1.44
2.4
Sensitivity drift (25°C .. 85°C) (max)
% of I
PN
0.24
0.3
0.24
0.3
0.24
0.3
Linearity (max)
% of I
PN
0.1
0.1
0.1
0.1
0.1
0.1
Accuracy at +25 °C (max)
% of I
PN
0.80
0.70
0.80
0.70
0.80
0.70
Accuracy at +85 °C (max)
% of I
PN
3.0
5.80
2.7
3.58
2.5
3.40
Offset (max)
mV
10.4
25
7.1
25
6.3
25
Operating temperature range
°C
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
It is also possible to cancel the offset drift of the reference voltage when working over the defined temperature range by
using the same method.
The use of the Closed Loop Fluxgate technology allowed achieving significantly better performances for the following
parameters:
• Initial offset at +25°C
• Offset drift
• Gain drift
as expressed per the following charts (Fig. 7: Comparison between CAS and LTS ; CASR and LTSR models).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com