Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPIC5401 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPIC5401
Description  H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5401 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC5401 Datasheet HTML 2Page - Texas Instruments TPIC5401 Datasheet HTML 3Page - Texas Instruments TPIC5401 Datasheet HTML 4Page - Texas Instruments TPIC5401 Datasheet HTML 5Page - Texas Instruments TPIC5401 Datasheet HTML 6Page - Texas Instruments TPIC5401 Datasheet HTML 7Page - Texas Instruments TPIC5401 Datasheet HTML 8Page - Texas Instruments TPIC5401 Datasheet HTML 9Page - Texas Instruments TPIC5401 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TPIC5401
H-BRIDGE GATE-PROTECTED
POWER DMOS ARRAY
SLIS024A – DECEMBER 1993 – REVISED MARCH 1994
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VDD = 25 V
354
µH
ID
tw
tav
IAS (see Note B)
V(BR)DSX = 60 V Min
VOLTAGE AND CURRENT WAVEFORMS
0 V
0 V
0 V
ID
VDS
DUT
VDS
TEST CIRCUIT
(see Note A)
Pulse Generator
50
Rgen
50
VGS
VGS
15 V
NOTES: A. The pulse generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω.
B. Input pulse duration (tw) is increased until peak current IAS = 10 A.
Energy test level is defined as E
AS +
I
AS
V
(BR)DSX
tav
2
+ 21 mJ.
Figure 4. Single-Pulse Avalanche-Energy Test Circuit and Waveforms
TYPICAL CHARACTERISTICS
1.5
1
0.5
0
2
2.5
GATE-TO-SOURCE THRESHOLD VOLTAGE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
– 40 – 20
0
20
40
60
80
100 120 140 160
ID = 100 µA
ID = 1 mA
VDS = VGS
Figure 5
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0.3
0.2
0.1
0
0.4
0.5
– 40 – 20
0
20
40
60
80
100 120 140 160
VGS = 10 V
VGS = 15 V
ID = 2 A
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com