Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLS201610E Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # VLS201610E
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

VLS201610E Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button VLS201610E Datasheet HTML 2Page - Seiko Instruments Inc VLS201610E Datasheet HTML 3Page - Seiko Instruments Inc VLS201610E Datasheet HTML 4Page - Seiko Instruments Inc VLS201610E Datasheet HTML 5Page - Seiko Instruments Inc VLS201610E Datasheet HTML 6Page - Seiko Instruments Inc VLS201610E Datasheet HTML 7Page - Seiko Instruments Inc VLS201610E Datasheet HTML 8Page - Seiko Instruments Inc VLS201610E Datasheet HTML 9Page - Seiko Instruments Inc VLS201610E Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
6
Electrical Characteristics
Table 5 Electrical Characteristics
(VIN = 1.8 V, VOUT = 3.3 V, Ta =
+25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Operating start voltage*1
VST
IOUT = 1 mA, VOUT(S)*2 = 3.3 V
0.9
V
2
Operating input voltage
VIN
4.5
V
2
Output voltage range
VOUT(R)
1.8
5.0
V
2
FB voltage
VFB
0.585
0.600
0.615
V
1
FB voltage temperature
coefficient
ΔVFB
ΔTa
Ta =
−40°C to +85°C
±
100
ppm/
°C1
FB pin input current
IFB
VOUT = 1.8 V to 5.5 V, FB pin
−0.1
0.1
μA
1
Current consumption during
operation
IIN1
During switching, at no load
VFB = VFB(S)*3
× 0.95
6
15
μA
1
ISS1
450
650
μA
1
Current consumption during
switching off
IIN2
During switching stop
VFB = VFB(S)
× 1.1
6
15
μA
1
ISS2
95
150
μA
1
Current consumption during
power-off
ISSS
OFF
/
ON
V
= 0 V,
VIN = VOUT = 4.5 V
3.0
μA
1
Oscillation frequency
fOSC
1.0
1.2
1.4
MHz
2
Maximum duty ratio
MaxDuty VFB = VFB(S)
× 0.95
82
88
94
%
2
PWM / PFM switching duty ratio
PFMDuty
13
%
2
Power MOS FET ON resistance*4 RNFET
0.25
Ω
1
Power MOS FET leakage current
ILSW
OFF
/
ON
V
= 0 V
0.01
0.5
μA
1
Limited current
ILIM
0.9
1.1
1.3
A
3
High level input voltage
VSH
VIN = 1.8 V to 4.5 V,
OFF
ON/
pin
0.75
V
1
Low level input voltage
VSL
VIN = 1.8 V to 4.5 V,
OFF
ON/
pin
0.25
V
1
High level input current
ISH
VIN = 1.8 V to 4.5 V,
OFF
ON/
pin
−0.1
0.1
μA
1
Low level input current
ISL
VIN = 1.8 V to 4.5 V,
OFF
ON/
pin
−0.1
0.1
μA
1
Soft-start time*5
tSS
0.6
1.2
1.8
ms
2
*1. This is the guaranteed value measured with external parts shown in “Table 6 External Parts List” and with test
circuits shown in Figure 6. The operating start voltage varies largely depending on diode’s forward voltage. Perform
sufficient evaluation with actual application.
*2. VOUT(S) can be set by the ratio of VFB value and the output voltage setting resistors (RFB1, RFB2). For details, refer to “
External Parts Selection”.
*3. VFB(S) is a setting value for FB voltage.
*4. Power MOS FET ON resistance largely varies depending on the VOUT voltage.
*5. This is when the VOUT voltage startups from the STU release voltage or more. The soft-start time largely varies
depending on the load current and the input voltage when the S-8363 Series startups from the STU release voltage
or less, because the S-8363 Series once enters the start-up mode. Refer to “
2. Low voltage start-up” for STU
release voltage.
External Parts List When Measuring Electrical Characteristics
Table 6 External Parts List
Element name
Symbol
Constants
Manufacturer
Part number
Inductor
L
2.2
μH
TDK Corporation
VLF302510
Diode
SD
TOSHIBA CORPORATION
CRS08
Input capacitor
CIN
1
μF
TAIYO YUDEN Co., Ltd.
EMK107B7105KA
Output capacitor
COUT
10
μF
TAIYO YUDEN Co., Ltd.
LMK212BJ106KD
FB pin capacitor
CFB
47 pF
TAIYO YUDEN Co., Ltd.
UMK105CH470JV
Output voltage setting resistor 1
RFB1
68 k
Ω
ROHM Co., Ltd.
MCR03 series
Output voltage setting resistor 2
RFB2
15 k
Ω
ROHM Co., Ltd.
MCR03 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com