Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR2040 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR2040
Description  Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR2040 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR2040 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR2040 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MBR2040
Voltage 40 V
20.0 Amp Schottky Barrier Rectifiers
28-Apr -2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
Maximum DC Blocking Voltage
VDC
40
V
(Per Leg)
10
Maximum Average Forward Rectified
Current
(Per Device)
IF
20
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
IFSM
150
A
Power dissipation
PD
2
W
Typical Thermal Resistance
RθJA
50
°C /W
Typical Thermal Resistance
RθJC
2
°C /W
Operating and Storage Temperature Range
TJ,TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
MIN.
Typ.
Max.
Unit
Test Condition
Reverse voltage
VBR
40
-
-
V
IR=0.1mA
Maximum Instantaneous Forward Voltage
VF
-
0.55
0.60
V
IF=10A
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
-
-
0.1
mA
VR=40V
Typical Junction Capacitance
1
CJ
-
440
-
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
TO-220J
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
10.010
10.350
I
4.980
5.180
B
3.735
3.935
J
3.560
3.960
C
2.590
2.890
K
4.470
4.670
D
12.060
12.460
L
1.200
1.400
E
1.170
1.370
M
8.500
8.900
F
0.710
0.910
N
2.520
2.820
G
13.400
13.800
Q
0.330
0.650
H
2.540 TYP.


Similar Part No. - MBR2040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2040 MCC-MBR2040 Datasheet
98Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2040 MCC-MBR2040 Datasheet
107Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 200 Volts
logo
Kersemi Electronic Co.,...
MBR2040 KERSEMI-MBR2040 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2040 KERSEMI-MBR2040 Datasheet
470Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2040 KERSEMI-MBR2040 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2040

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR20150 SECOS-SBR20150_11 Datasheet
246Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR2040F SECOS-MBR2040F Datasheet
135Kb / 2P
Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
MBR2060 SECOS-MBR2060 Datasheet
201Kb / 2P
Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
MBR2060F SECOS-MBR2060F Datasheet
194Kb / 2P
Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
MBR20100 SECOS-MBR20100 Datasheet
147Kb / 2P
Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F Datasheet
223Kb / 2P
Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
MBR20150 SECOS-MBR20150 Datasheet
147Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR20150F SECOS-MBR20150F Datasheet
147Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200 SECOS-MBR20200 Datasheet
203Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200F SECOS-MBR20200F Datasheet
290Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com