Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR20200F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR20200F
Description  Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR20200F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR20200F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR20200F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MBR20200F
Voltage 200 V
20.0 Amp Schottky Barrier Rectifiers
18-Apr-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
Dimensions in millimeters
A
M
J
K
L
L
G
F
B
N
D
E
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Metal silicon junction and majority carrier conduction
Low power loss
High efficiency
High current capability
For use in low voltage, high frequency inverters free
wheeling , and polarlity protection applications.
Lead free in comply with EU RoHS
MECHANICAL DATA
Case : ITO-220J molded plastic
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : As marked
Mounting Position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Ratings at 25°C ambient temperature unless
otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% )
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
200
V
Maximum RMS Voltage
VRMS
140
V
Maximum DC Blocking Voltage
VDC
200
V
Maximum Average Forward Rectified Current@ see fig. 1
IF
20
A
Peak Forward Surge Current@ 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
150
A
Maximum Instantaneous Forward Voltage@ 10A, per leg
VF
0.92
V
TJ=25°C
0.02
Maximum DC Reverse Current at Rated DC
Blocking Voltage
TJ=125°C
IR
20
mA
Typical Thermal Resistance from Junction to Case
RθJC
4
°C /W
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°C
ITO-220J
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.5
15.5
H
3.8 TYP.
B
9.5
10.5
J
1.30 REF.
C
13.20 REF.
K
0.3
0.9
D
4.24
4.84
L
2.54 REF.
E
2.52
3.20
M
2.70 REF.
F
2.50
2.90
N
φ 3.5 REF.
G
0.47
0.75


Similar Part No. - MBR20200F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR20200FAT PANJIT-MBR20200FAT Datasheet
299Kb / 4P
20A SCHOTTKY BARRIER RECTIFIERS
MBR20200FAT_T0_00001 PANJIT-MBR20200FAT_T0_00001 Datasheet
299Kb / 4P
20A SCHOTTKY BARRIER RECTIFIERS
logo
Thinki Semiconductor Co...
MBR20200FCA THINKISEMI-MBR20200FCA Datasheet
828Kb / 2P
20.0 Ampere Insulated Dual Common Anode Schottky Barrier Rectifiers
Rev.13T
logo
Micro Commercial Compon...
MBR20200FCT MCC-MBR20200FCT Datasheet
757Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 200 Volts
logo
Compact Technology Corp...
MBR20200FCT CTC-MBR20200FCT Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR20200F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR20150 SECOS-SBR20150_11 Datasheet
246Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR2040 SECOS-MBR2040 Datasheet
135Kb / 2P
Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
MBR2040F SECOS-MBR2040F Datasheet
135Kb / 2P
Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
MBR2060 SECOS-MBR2060 Datasheet
201Kb / 2P
Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
MBR2060F SECOS-MBR2060F Datasheet
194Kb / 2P
Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
MBR20100 SECOS-MBR20100 Datasheet
147Kb / 2P
Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F Datasheet
223Kb / 2P
Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
MBR20150 SECOS-MBR20150 Datasheet
147Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR20150F SECOS-MBR20150F Datasheet
147Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200 SECOS-MBR20200 Datasheet
203Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com