Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51ED2 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89C51ED2
Description  FLASH 8-bit C51 Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89C51ED2 Datasheet HTML 12Page - ATMEL Corporation AT89C51ED2 Datasheet HTML 13Page - ATMEL Corporation AT89C51ED2 Datasheet HTML 14Page - ATMEL Corporation AT89C51ED2 Datasheet HTML 15Page - ATMEL Corporation AT89C51ED2 Datasheet HTML 16Page - ATMEL Corporation AT89C51ED2 Datasheet HTML 17Page - ATMEL Corporation AT89C51ED2 Datasheet HTML 18Page - ATMEL Corporation AT89C51ED2 Datasheet HTML 19Page - ATMEL Corporation AT89C51ED2 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
16
Rev. 0 – 2003 July
4.3.4.3 Cell Read Disturb
Purpose:
To measure read disturb influence on 56k8 memory cell.
Test parameters:
Lot:
0t0348
Programming: 14V on WL and sensegate @5ms
Temperature: 25°C and 140°C
The cell is stressed with BL voltage much higher than standard read conditions (around 6V) to accelerate disturb
phenomenon : electrons from the Floating gate can move through the tunnel oxide. This charge loss is measured
after stress by a Vt measurement.
Test results:
Conclusion:
Extrapolation to 10 years lifetime give a maximum BL voltage of around 4V in read operation, which is much higher
than nominal BL read voltage (~1V). So there is no sensitivity to read disturb either at room temperature or high
temperature.
0t0348 #01
56.8k (568A6)
BL read disturb @140C
0
0.5
1
1.5
2
2.5
0.1
1
10
100
1000
10000
Time (s)
Vbl=6V
Vbl=6.5V
Vbl=7V
Vbl=7.5V
Vbl=8V
0t0348 #01
56.8k (568A6)
BL read disturb @25C
0
0.5
1
1.5
2
2.5
0.1
1
10
100
1000
10000
Time (s)
Vbl=6V
Vbl=6.5V
Vbl=7V
Vbl=7.5V
Vbl=8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com