Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S8203A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8203A
Description  BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8203A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8203A Datasheet HTML 17Page - Seiko Instruments Inc S8203A Datasheet HTML 18Page - Seiko Instruments Inc S8203A Datasheet HTML 19Page - Seiko Instruments Inc S8203A Datasheet HTML 20Page - Seiko Instruments Inc S8203A Datasheet HTML 21Page - Seiko Instruments Inc S8203A Datasheet HTML 22Page - Seiko Instruments Inc S8203A Datasheet HTML 23Page - Seiko Instruments Inc S8203A Datasheet HTML 24Page - Seiko Instruments Inc S8203A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.0_00
S-8203A Series
21
Table 8 Constants for External Components
Symbol
Min.
Typ.
Max.
Unit
RVC1
*1
0.47
1
1
k
Ω
RVC2
*1
0.47
1
1
k
Ω
RVC3
*1
0.47
1
1
k
Ω
RVC4
*1
0.47
1
1
k
Ω
RDO
1
5.1
10
k
Ω
RCO
0.1
1
1
M
Ω
RVM
3
5.1
10
k
Ω
RCTLC
0.1
1
1
k
Ω
RCTLD
0.1
1
1
k
Ω
RVINI
0.1
1
1
k
Ω
RSENSE
0
−
−
m
Ω
RVDD
*1
43
100
100
Ω
CVC1
*1
0.068
0.1
1
μF
CVC2
*1
0.068
0.1
1
μF
CVC3
*1
0.068
0.1
1
μF
CCCT
0.01
0.1
−
μF
CCDT
0.01
0.1
−
μF
CCIT
0.02
0.1
−
μF
CVDD
*1
0
1
10
μF
*1. Set up a filter constant to be RVDD
× CVDD = 68 μF•Ω or more, and to be RVC1 × CVC1 = RVC2 × CVC2 = RVC3 ×
CVC3 = RVDD
× CVDD.
Caution 1. The above constants may be changed without notice.
2. It is recommended that filter constants between VDD pin and VSS pin should be set approximately
to 100
μF•Ω.
e.g., CVDD
× RVDD = 1.0 μF × 100 Ω = 100 μF•Ω
Sufficient evaluation of transient power supply fluctuation and overcurrent protection function with
the actual application is needed to determine the proper constants. Contact our sales office in case
the constants should be set to other than 100
μF•Ω.
3. It has not been confirmed whether the operation is normal or not in circuits other than the example
of connection. In addition, the example of connection and the constant do not guarantee proper
operation. Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com