Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G913 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # G913
Description  150mA Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

G913 Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button G913 Datasheet HTML 2Page - Interpoint Corporation Company G913 Datasheet HTML 3Page - Interpoint Corporation Company G913 Datasheet HTML 4Page - Interpoint Corporation Company G913 Datasheet HTML 5Page - Interpoint Corporation Company G913 Datasheet HTML 6Page - Interpoint Corporation Company G913 Datasheet HTML 7Page - Interpoint Corporation Company G913 Datasheet HTML 8Page - Interpoint Corporation Company G913 Datasheet HTML 9Page - Interpoint Corporation Company G913 Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ver 0.9 Preliminary
Jan 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G913
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
FUNCTION
1
SHDN
Active-Low Shutdown Input. A logic low reduces the supply current to less than 1
µA. Connect to IN for normal
operation.
2
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground plane to
maximize thermal dissipation.
3
IN
Regulator Input. Supply voltage can range from +2.5V to +5.5V. Bypass with 1µF to GND
4
OUT
Regulator Output. Fixed or adjustable from 1.25V to +5.5V. Sources up to 150mA. Bypass with a 1µF,
<0.2
Ω typical ESR capacitor to GND.
5
SET
Feedback Input for Setting the Output Voltage. Connect to GND to set the output voltage to the preset
2.84V or 3.15V or 3.30V or 3.00V. Connect to an external resistor divider for adjustable-output operation.
Detailed Description
The block diagram of the G913 is shown in Figure 1. It
consists of an error amplifier, 1.25V bandgap refer-
ence, PMOS output transistor, internal feedback volt-
age divider, mode comparator, shutdown logic, over
current protection circuit, and over temperature protec-
tion circuit.
The mode comparator compares the SET pin voltage
with an internal 120mV reference. If the SET pin volt-
age is less than 120mV, the internal feedback voltage
divider’s central tap is connected to the non-inverting
input of the error amplifier. The error amplifier com-
pares non-inverting input with the 1.25V bandgap ref-
erence. If the feedback voltage is higher than 1.25V,
the error amplifier’s output becomes higher so that the
PMOS output transistor has a smaller gate-to-source
voltage (VGS). This reduces the current carrying capa-
bility of the PMOS output transistor, as a result the
output voltage decreases until the feedback voltage is
equal to 1.25V. Similarly, when the feedback voltage
is less than 1.25V, the error amplifier causes the out-
put PMOS to conductor more current to pull the feed-
back voltage up to 1.25V. Thus, through this feedback
action, the error amplifier, output PMOS, and the volt-
age divider effectively form a unity-gain amplifier with
the feedback voltage force to be the same as the
1.25V bandgap reference. The output voltage, VOUT, is
then given by the following equation:
VOUT = 1.25 (1 + R1/R2).
(1)
Alternatively, the relationship between R1 and R2 is
given by:
R1 = R2 (VOUT /1.25 + 1).
(2)
For the reasons of reducing power dissipation and
loop stability, R2 is chosen to be 100K
Ω. For G913A,
R1 is 128K
Ω, and the pre-set V
OUT
is 2.84V. For
G913B, R1 is 152K
Ω, and the pre-set V
OUT is 3.15V.
For G913C, R1 is 164K
Ω, and the pre-set V
OUT is
3.30V. For G913D, R1 is 140K
Ω, and the pre-set V
OUT
is 3.00V.
When external voltage divider is used, as shown in
Figure 2, the SET pin voltage will be larger than
600mV. The non-inverting input of the amplifier will be
connected to the external voltage divider. However,
the operation of the feedback loop is the same, so that
the conditions of Equations 1 and 2 are still true. The
output voltage is still given by Equation 1.
Figure 1. Functional Diagram
SHDN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
-
ERROR
AMP
+
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
-
+
+
-
GND
MODE COMPARATOR
120mV
SET
R1
R2
OVER TEMP.
PROTECT
P
SHDN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
-
ERROR
AMP
+
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
-
+
+
-
GND
MODE COMPARATOR
120mV
SET
R1
R2
OVER TEMP.
PROTECT
P



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com