Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G920 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # G920
Description  150mA Micro-power LDO Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G920 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  G920 Datasheet HTML 1Page - List of Unclassifed Manufacturers G920 Datasheet HTML 2Page - List of Unclassifed Manufacturers G920 Datasheet HTML 3Page - List of Unclassifed Manufacturers G920 Datasheet HTML 4Page - List of Unclassifed Manufacturers G920 Datasheet HTML 5Page - List of Unclassifed Manufacturers G920 Datasheet HTML 6Page - List of Unclassifed Manufacturers G920 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ver 0.0 Preliminary
Mar 27, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G920
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
FUNCTION
1
NC
This is a NC pin, should be left unconnected.
2
IN
Regulator Input. Supply voltage can range from +2.5V to +6.5V. Bypass with 1µF to GND.
3
OUT
Regulator Output. Sources up to 150mA. Bypass with a 1µF, <0.2
Ω typical ESR capacitor to
GND.
4
EN
Active-High Enable Input. A logic low reduces the supply current to less than 1
µA. Connect to IN for
normal operation.
5,6,7,8
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground
plane to maximize thermal dissipation.
Detailed Description
The block diagram of the G920 is shown in Figure 1. It
consists of an error amplifier, 1.25V bandgap refer-
ence, PMOS output transistor, internal feedback
voltage divider, shutdown logic, over current protection
circuit, and over temperature protection circuit.
The internal feedback voltage divider’s central tap is
connected to the non-inverting input of the error ampli-
fier. The error amplifier compares non-inverting input
with the 1.25V bandgap reference. If the feedback
voltage is higher than 1.25V, the error amplifier’s out-
put becomes higher so that the PMOS output transis-
tor has a smaller gate-to-source voltage (VGS). This
reduces the current carrying capability of the PMOS
output transistor, as a result the output voltage de-
creases until the feedback v41oltage is equal to 1.25V.
Similarly, when the feedback voltage is less than
1.25V, the error amplifier causes the output PMOS to
conductor more current to pull the feedback voltage up
to 1.25V. Thus, through this feedback action, the error
amplifier, output PMOS, and the voltage divider effec-
tively form a unity-gain amplifier with the feedback
voltage force to be the same as the 1.25V bandgap
reference. The output voltage, VOUT, is then given by
the following equation:
VOUT = 1.25 (1 + R1/R2).
(1)
For the G920, the pre-set output voltage is 3.3V.
Figure 1. Functional Diagram
EN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
-
ERROR
AMP
+
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT
EN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
-
ERROR
AMP
+
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com