Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M52779SP Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M52779SP
Description  VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52779SP Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M52779SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
MITSUBISHI ICs (TV)
M52779SP
VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
13
ACC1
1. Input VS4P (eb=570mV:level+6dB) to VI IN.
2. Measure the output amplitude at pin 43.
3. ACC1 is defined as follows:
ACC2
1. Input VS4P (input level:20dB) to VI IN.
2. Measure the output amplitude at pin 41.
3. ACC2 is defined as follows:
OL Chroma overload
1. Input VS4P (ec=800mVP-P:chroma+3dB) to VI IN.
2. Measure the output amplitude at pin 41.
3. OL is defined as follows:
VikP Threshold color killer on (PAL)
1. Input VS4P (level:variable) to VI IN at input level 0dB.
2. Lower the input level whth monitoring the output amplitude at pin
41 and measure the input level when output amplitude isnot
found.
KillP Residual color leakage at killer on (PAL)
1. Input VS4P (level:40dB) to VI IN.
2. Measure the output amplitude at pin 41.
APC1 APC pull-in range 1
1. Input VS4P (f=eb=ec=variable) to VI IN.
2. Change the input signal frequency and measure the frequency
range from the point at which signal is output to pin 41 and to the
point that no signal is output to the pin. The reference value is
4.433619MHz.
R/B P Ratio of (R-Y/B-Y)
1. Input VS4P (eb=single chroma=ec+50kHz) to VI IN.
2. V41 is the output amplitude at pin 41.
3. V43 is the output amplitude at pin 43.
4. R /B P is defined as follows:
θR-Y P Demodulation phase
1. Input VS4P (ed=single chroma=ec+50kNz) to VI IN.
2. V41 is the output amplitude at pin 41.
3. V43 is the output amplitude at pin 43.
4. R-YP is defined as follows:
CC Residual carrier leakage
Measure the element of 4.43MHz of the demodulated output in no-
input state.
DDH Offset of demodulated output by line
1. Input 4.2MHz CW (Vi=575mVP-P) to VI IN.
2. Measure the center DC voltage of output beat amplitude for two
lines at pins 41 and 43. The absolute value of the difference in
DC voltage is the difference of demodulated output on line.
Cn3, Cn4 Output signal amplitude3, 4 (NTSC)
1. Input SS3N to VI IN.
2. Cn3 and Cn4 are output amplitude measured at pins 41 and 43
respectively.
VikN Threshold color killer on (NTSC)
1. Input VS3N (level:variable) to VI IN at input level 0dB.
2. Lower the input level with monitoring the output amplitude at pins
41 and measure the input level when output amplitude is not
found.
KillN Residual color leakage at killer on (NTSC)
1. Input VS3N (level:-40dB) to VI IN.
2. Measure the output amplitude at pin 41.
APC2 APC Pull-in range 2
1. Input VS3N (f=eb=ec=variable) to VI IN.
2. Change the input signal frequency and measure the frequency
range from the point at which no signal is output to 41 pin and to
the point at which signal is output to the pin. (Pull-in state) The
reference value is 3.579545MHz.
R/B N Ratio of (R-Y/B-Y)
1. Input VS3N (eb=signal chroma=ec+50kHz) to VI IN.
2. V41 is the output amplitude at pin 41.
3. V43 is the output amplitude at pin 43.
4. R/B N is defined as follows:
Measured value (VP-P)
ACC1=20log
Cn1 (VP-P)
(dB)
Measured value (VP-P)
ACC2=20log
Cn1 (VP-P)
(dB)
Measured value (VP-P)
OL=20log
Cn1 (VP-P)
(dB)
V43 (VP-P)
R/B P=20log
V41 (VP-P)
(dB)
V43
×3.8
θR-Y P=tan-1
V41
×1.9
+45 (deg)
M
1H
GND
M
2H
V43 (VP-P)
R/B N=20log
V41 (VP-P)
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com