Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2053DT1 Datasheet(PDF) 24 Page - Motorola, Inc

Part # MPXM2053DT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053DT1 Datasheet(HTML) 24 Page - Motorola, Inc

Back Button MPXM2053DT1 Datasheet HTML 20Page - Motorola, Inc MPXM2053DT1 Datasheet HTML 21Page - Motorola, Inc MPXM2053DT1 Datasheet HTML 22Page - Motorola, Inc MPXM2053DT1 Datasheet HTML 23Page - Motorola, Inc MPXM2053DT1 Datasheet HTML 24Page - Motorola, Inc MPXM2053DT1 Datasheet HTML 25Page - Motorola, Inc MPXM2053DT1 Datasheet HTML 26Page - Motorola, Inc MPXM2053DT1 Datasheet HTML 27Page - Motorola, Inc MPXM2053DT1 Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 670 page
background image
1–18
Motorola Sensor Device Data
www.motorola.com/semiconductors
Media Compatibility Disclaimer
Motorola has tested media tolerant sensor devices in
selected solutions or environments and test results are
based on particular conditions and procedures selected by
Motorola. Customers are advised that the results may vary
for actual services conditions. Customers are cautioned that
they are responsible to determine the media compatibility of
sensor devices in their applications and the foreseeable use
and misuses of their applications.
Sensor Media Compatibility: Issues and Answers
T. Maudie, D. J. Monk, D. Zehrbach, and D. Stanerson
Motorola Semiconductor Products Sector, Sensor Products Division
5005 E. McDowell Rd., Phoenix, AZ 85018
ABSTRACT
As sensors and actuators are embedded deeper into
electronic systems, the issue of media compatibility as well as
sensor and actuator performance and survivability becomes
increasingly critical. With a large number of definitions and
even more explanations of what media compatibility is, there
is a ground swell of confusion not only within the industry, but
among end users as well. The sensor industry must respond
to create a clear definition of what media compatibility is, then
strive to provide a comprehensive understanding and industry
wide agreement on what is involved in assessing media
tolerance and compatibility. Finally, the industry must create
a standard set of engineering parameters to design, evaluate,
test, and ultimately qualify sensor and actuators functioning in
various media conditions. This paper defines media
compatibility, identifies pertinent compatibility issues, and
recommends a path to industry standardization.
INTRODUCTION
Microelectromechanical System (MEMS) reliability in
various media is a subject that has not yet received much
attention in the literature yet [1–3], but does bring up many
potential issues. The effects of long term media exposure to
the silicon MEMS device and material still need answers [4].
Testing can result in predictable silicon or package related
failures, but due to the complexity of the mechanisms,
deleterious failures can be observed. The sensor may be
exposed to diverse media in markets such as automotive,
industrial, and medical. This media may include polar or
nonpolar organic liquids, acids, bases, or aqueous solutions.
Integrated circuits (ICs) have long been exposed to
temperature extremes, humid environments, and mechanical
tests to demonstrate or predict the reliability of the device for
the application. Unlike a typical IC, a sensor often must exist
in direct contact with a harsh environment. The lack of harsh
media simulation test standardization for these direct contact
situations
necessitates
development
of
methods
and
hardware to perform reliability tests.
This paper was presented at Sensors Expo, Anaheim, CA, and is
reprinted with permission, Sensors Magazine (174 Concord St.,
Peterborough, NH 03458) and Expocon Management Associates,
Inc. (P.O. Box 915, Fairfield, CT 06430).
The applicability of media compatibility affects all sensors to
some degree, but perhaps none more dramatically than a
piezoresistive pressure sensor. In order to provide an
accurate, linear output with applied pressure, the media
should come in direct contact with the silicon die. Any barrier
provided between the die and the media, limits the device
performance. A typical piezoresistive diaphragm pressure
sensor manufactured using bulk micromachining techniques
is shown in Figure 1. A definition for a media compatible
pressure sensor will be proposed.
To ensure accurate media testing, the requirements and
methods need to be understood, as well as what constitutes
a failure. An understanding of the physics of failure can
significantly reduce the development cycle time and produce
a
higher
quality
product
[5,6].
The
focus
of
the
physics–of–failure approach includes the failure mechanism,
accelerating environment, and failure mode. The requirement
for a typical pressure sensor application involves long term
exposure to a variety of media at an elevated temperature and
may include additional acceleration components such as
static or cyclic temperature and pressure.
Figure 1. Typical bulk micromachined silicon
piezoresistive pressure sensor device
and package configuration.
DIE
RTV DIE BOND
ETCHED
METALLIZATION
EPOXY
WIRE
SILICON
DIFFUSED
DIAPHRAGM
LEAD
STRAIN GAUGE
INTERCONNECT
FRAME
CASE
CAVITY
WAFER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com