Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCP882J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP882J
Description  3A , 40V P Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP882J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP882J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP882J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCP882J
3A , 40V
P
Plastic-Encapsulate Transistor
14-Jul-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Flat Package.
High DC Current Gain
Low VCE(sat)
CLASSIFICATION OF hFE
Rank
BCP882J-O
BCP882J-Y
BCP882J-GR
Range
100~200
160~320
200~400
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
6
V
Continuous Collector Current
IC
3
A
Collector Power Dissipation
PC
500
mW
Thermal Resistance from Junction to Ambient
RθJA
250
°C / W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
1
µA
VCB=40V, IE=0
Collector Cut-Off current
ICEO
-
-
10
µA
VCE=30V, IB=0
Emitter Cut-Off Current
IEBO
-
-
1
µA
VEB=6V, IC=0
100
-
400
VCE=2V, IC=1A
DC Current Gain
hFE
32
VCE=2V, IC=100mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.5
V
IC=2A, IB=0.2A
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1.5
V
IC=2A, IB=0.2A
Transition Frequency
fT
-
50
-
MHz VCE=5V, IC=0.1A, f=10MHz
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.20
1. Base
2. Collector
3. Emitter


Similar Part No. - BCP882J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
Epitaxial Planar Transistor
BCP882H SECOS-BCP882H Datasheet
395Kb / 2P
3A , 70 V NPN Plastic-Encapsulate Transistor
BCP882H-Y SECOS-BCP882H-Y Datasheet
395Kb / 2P
3A , 70 V NPN Plastic-Encapsulate Transistor
BCP882H SECOS-BCP882H_15 Datasheet
84Kb / 1P
NPN Plastic-Encapsulate Transistor
BCP882 SECOS-BCP882_15 Datasheet
357Kb / 2P
NPN Silicon
More results

Similar Description - BCP882J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2403Q SECOS-2SD2403Q Datasheet
297Kb / 2P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMSS8050-L MCC-MMSS8050-L_13 Datasheet
200Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor Collector-base Voltage 40V
logo
SeCoS Halbleitertechnol...
BCX19 SECOS-BCX19_15 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
2SD2061 SECOS-2SD2061 Datasheet
359Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
2SD2396 SECOS-2SD2396 Datasheet
385Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
BCP882H SECOS-BCP882H Datasheet
395Kb / 2P
3A , 70 V NPN Plastic-Encapsulate Transistor
KTC2026 SECOS-KTC2026 Datasheet
399Kb / 2P
3A , 60V P Plastic-Encapsulated Transistor
KTD2058 SECOS-KTD2058 Datasheet
247Kb / 2P
3A, 60V P Plastic-Encapsulated Transistor
M8050T SECOS-M8050T Datasheet
64Kb / 1P
40V, 0.8A NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com