Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESK108M063AM7AA Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESK108M063AM7AA
Description  Aluminum Electrolytic, 85C, ESK, 1000 uF, 20%, 63 V, -40/85C, Lead Spacing = 7.5mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESK108M063AM7AA Datasheet(HTML) 1 Page - Kemet Corporation

  ESK108M063AM7AA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 4d560f56-e4a3-401c-944b-f86e5523f440
KEMET Part Number: ESK108M063AM7AA
Aluminum Electrolytic, 85C, ESK, 1000 uF, 20%, 63 V, -40/+85C, Lead Spacing = 7.5mm
D
L
LL+
LL-
S
F(d)
Dimensions
D
16mm +/-0.5mm
L
25mm +2mm
S
7.5mm +/-0.5mm
LL Negative
15mm MIN
LL Positive
20mm MIN
F
0.8mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1000
General Information
Dielectric: Aluminum Electrolytic
Series: ESK
Description: Single Ended, Aluminum
Electrolytic
RoHS: Yes
Lead: Wire Leads
Specifications
Capacitance: 1000 uF
Capacitance Tolerance: 20%
Voltage DC: 63 VDC, 79 VDC (Surge)
Temperature Range: -40/+85C
Rated Temperature: 85C
Life: 2000 Hrs
Dissipation Factor: 10% 120Hz 20C
Current: 1310 mAmps (120Hz 85C)
Leakage Current: 630 uA (2min 20C)
Impedance Ratio at -25C: 3
Impedance Ratio at -40C: 3
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - ESK108M063AM7AA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESK108M010AH1AA KEMET-ESK108M010AH1AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 1000 uF, 20%, 10 V, -40/85C, Lead Spacing = 5mm
ESK108M025AH4AA KEMET-ESK108M025AH4AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 1000 uF, 20%, 25 V, -40/85C, Lead Spacing = 5mm
ESK108M035AL3AA KEMET-ESK108M035AL3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 1000 uF, 20%, 35 V, -40/85C, Lead Spacing = 5mm
ESK108M050AL4AA KEMET-ESK108M050AL4AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 1000 uF, 20%, 50 V, -40/85C, Lead Spacing = 5mm
More results

Similar Description - ESK108M063AM7AA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESK226M063AE3AA KEMET-ESK226M063AE3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 22 uF, 20%, 63 V, -40/85C, Lead Spacing = 2.5mm
ESK228M063AN3AA KEMET-ESK228M063AN3AA Datasheet
77Kb / 1P
Aluminum Electrolytic, 85C, ESK, 2200 uF, 20%, 63 V, -40/85C, Lead Spacing = 7.5mm
ESK338M035AM3AA KEMET-ESK338M035AM3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 3300 uF, 20%, 35 V, -40/85C, Lead Spacing = 7.5mm
ESK338M050AN2AA KEMET-ESK338M050AN2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 3300 uF, 20%, 50 V, -40/85C, Lead Spacing = 7.5mm
ESK475M063AC3AA KEMET-ESK475M063AC3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 4.7 uF, 20%, 63 V, -40/85C, Lead Spacing = 2mm
ESK477M100AM7AA KEMET-ESK477M100AM7AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 470 uF, 20%, 100 V, -40/85C, Lead Spacing = 7.5mm
ESK478M025AM2AA KEMET-ESK478M025AM2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 4700 uF, 20%, 25 V, -40/85C, Lead Spacing = 7.5mm
ESK688M010AM7AA KEMET-ESK688M010AM7AA Datasheet
77Kb / 1P
Aluminum Electrolytic, 85C, ESK, 6800 uF, 20%, 10 V, -40/85C, Lead Spacing = 7.5mm
ESK688M016AM3AA KEMET-ESK688M016AM3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 6800 uF, 20%, 16 V, -40/85C, Lead Spacing = 7.5mm
ESK688M025AN2AA KEMET-ESK688M025AN2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 6800 uF, 20%, 25 V, -40/85C, Lead Spacing = 7.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com