Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2202AT1 Datasheet(PDF) 52 Page - Motorola, Inc

Part # MPXM2202AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AT1 Datasheet(HTML) 52 Page - Motorola, Inc

Back Button MPXM2202AT1 Datasheet HTML 48Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 49Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 50Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 51Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 52Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 53Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 54Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 55Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 56Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 670 page
background image
MMA1201P MMA2200W
2–16
Motorola Sensor Device Data
www.motorola.com/semiconductors
MMA2200W
ST
VDD
VSS
VOUT
OUTPUT
SIGNAL
R1
1 k
Ω
3
C2
0.01
µF
2
6
5
LOGIC
INPUT
VDD
C1
0.1
µF
Figure 4. Wingback Accelerometer with
Recommended Connection Diagram
STATUS
4
Pinout Description for the DIP Package
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N/C
N/C
N/C
ST
VOUT
STATUS
VSS
VDD
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
Pin No.
Pin Name
Description
1
—
Leave unconnected or connect to
signal ground.
2 thru 3
—
No internal connection. Leave un-
connected.
4
ST
Logic input pin to initiate self test.
5
VOUT
Output voltage
6
Status
Logic output pin to indicate fault.
7
VSS
Signal ground
8
VDD
Supply voltage (5 V)
9 thru 13
Trim Pins
Used for factory trim. Leave un-
connected.
14 thru 16
—
No internal connection. Leave un-
connected.
MMA1201P
ST
VDD
VSS
VOUT
OUTPUT
SIGNAL
R1
1 k
Ω
5
C2
0.01
µF
4
8
7
LOGIC
INPUT
VDD
C1
0.1
µF
Figure 5. DIP Accelerometer with Recommended
Connection Diagram
STATUS
6
PCB Layout
P0
A/D IN
VRH
VSS
VDD
ST
VOUT
VSS
VDD
0.01
µF
C
1 k
Ω
0.1
µF
C 0.1
µF
POWER SUPPLY
C
R
C
0.1
µF
Figure 6. Recommend PCB Layout for Interfacing
Accelerometer to Microcontroller
P1
STATUS
NOTES:
• Use a 0.1 µF capacitor on VDD to decouple the power
source.
• Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
• Place a ground plane beneath the accelerometer to reduce
noise, the ground plane should be attached to all of the
open ended terminals shown in Figure 4.
• Use an RC filter of 1 kΩ and 0.01 µF on the output of the
accelerometer to minimize clock noise (from the switched
capacitor filter circuit).
• PCB layout of power and ground should not couple power
supply noise.
• Accelerometer and microcontroller should not be a high
current path.
• A/D sampling rate and any external power supply switching
frequency should be selected such that they do not inter-
fere with the internal accelerometer sampling frequency.
This will prevent aliasing errors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com