Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MJD31C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MJD31C
Description  3A , 100V NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MJD31C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MJD31C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MJD31C
3A , 100V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
21-Sep-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Designed for general
Excellent DC Current Gain Characteristics
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
3
A
Collector Power Dissipation
PC
1.25
W
Junction and Storage Temperature Range
TJ ,TSTG
150 , -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
100
-
-
V
IC=1mA, IE=0
Collector-emitter breakdown voltage
VCEO(SUS)
100
-
-
V
IC=30mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
5
-
-
V
IE=1mA, IC=0
Collector cut-off current
ICES
-
-
20
µ
A
VCE=100V, VEB=0
Collector cut-off current
ICEO
-
-
50
µ
A
VCE=60V, IB=0
Emitter cut-off current
IEBO
-
-
1
mA
VEB=5V, IC=0
DC current gain
hFE
25
-
-
VCE=4V, IC=1A
10
-
50
VCE=4V, IC=3A
Collector-emitter saturation voltage
VCE(sat)
-
-
1.2
V
IC=3A, IB=375mA
Base-emitter voltage
VBE(ON)
-
-
1.8
V
VCE=4V, IC=3A
Transition frequency
fT
3
-
-
MHz
VCE=10V, IC=500mA, fT=1KHz
Note:
1.Pulse Test: PW ≦300µS, Duty Cycle≦2%.
A
C
D
N
O
P
G E
F
H
K
J
M
B
D-Pack (TO-252)
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.35
6.8
J
2.30 REF.
B
5.20
5.50
K
0.64
0.90
C
2.15
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.65
E
6.8
7.5
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.25
H
0.64
1.20


Similar Part No. - MJD31C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD31C ONSEMI-MJD31C Datasheet
150Kb / 6P
SILICON POWER TRANSISTORS
1998
logo
STMicroelectronics
MJD31C STMICROELECTRONICS-MJD31C Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1999
logo
Fairchild Semiconductor
MJD31C FAIRCHILD-MJD31C Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications
logo
ON Semiconductor
MJD31C ONSEMI-MJD31C Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
MJD31C STMICROELECTRONICS-MJD31C Datasheet
243Kb / 9P
Low voltage NPN power transistor
20-Apr-2007
More results

Similar Description - MJD31C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SD1005 SECOS-2SD1005 Datasheet
78Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
KTD1898 SECOS-KTD1898 Datasheet
77Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
2SD2061 SECOS-2SD2061 Datasheet
359Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
2SD2396 SECOS-2SD2396 Datasheet
385Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
KTC2026 SECOS-KTC2026 Datasheet
399Kb / 2P
3A , 60V P Plastic-Encapsulated Transistor
KTD2058 SECOS-KTD2058 Datasheet
247Kb / 2P
3A, 60V P Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com