Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT2222AM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2222AM
Description  0.5A, 75V NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2222AM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2222AM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2222AM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBT2222AM
0.5A, 75V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
19-May-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
1P
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Epitaxial planar die construction
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-723
8K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
75
V
Collector to Emitter Voltage
VCEO
40
V
Emitter to Base Voltage
VEBO
6
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PC
100
mW
Thermal Resistance from Junction to Ambient
R
θJA
1250
°C/ W
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
75
-
-
V
IC=10
µA, IE=0
Collector to Emitter Breakdown Voltage
1
V(BR)CEO
40
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=10
µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.01
µA VCB=60V, IE=0
Collector Cut-Off Current
ICEX
-
-
0.01
µA VCE=30V, VBE(off)= -3V
Emitter Cut-Off Current
IEBO
-
-
0.01
µA VEB=3V, IC=0
DC Current Gain
1
hFE
100
-
300
VCE=10V, IC=150mA
40
-
-
VCE=10V, IC=0.1mA
42
-
-
VCE=10V, IC=500mA
Collector to Emitter Saturation Voltage
1
VCE(sat)
-
-
1
V
IC=500mA, IB=50mA
-
-
0.3
IC=150mA, IB=15mA
Base to Emitter Saturation Voltage
1
VBE(sat)
-
-
2
V
IC=500mA, IB=50mA
-
-
1.2
IC=150mA, IB=15mA
Transition Frequency
fT
-
300
-
MHz
VCE=20V, IC=20mA, f=100MHz
Delay Time
td
-
10
-
ns
VCC=30V, VBE(off)= -0.5V,
IC=150mA, IB1=15mA
Rise Time
tr
-
25
-
VCC=30V, VBE(off)= -0.5V,
IC=150mA, IB1=15mA
Storage Time
ts
-
225
-
VCC=30V, IC=150mA,
IB1= -IB1=15mA
Fall Time
tf
-
60
-
VCC=30V, IC=150mA,
IB1= -IB1=15mA
Notes:
1.
Pulse Test: Pulse width
300
µs, duty cycle 2
%.
SOT-723
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.150
1.250
F
0.170
0.270
B
0.750
0.850
G
0.270
0.370
C
-
0.500
H
0
0.050
D
1.150
1.250
I
-
0.150
E
0.800TYP.


Similar Part No. - MMBT2222AM

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBT2222AM JIANGSU-MMBT2222AM Datasheet
3Mb / 4P
SOT-723 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
MMBT2222AM-C SECOS-MMBT2222AM-C Datasheet
300Kb / 2P
NPN Plastic Encapsulated Transistor
logo
ON Semiconductor
MMBT2222AM3T5G ONSEMI-MMBT2222AM3T5G Datasheet
174Kb / 6P
NPN General Purpose Transistor
January, 2009 ??Rev. 0
MMBT2222AM3T5G ONSEMI-MMBT2222AM3T5G Datasheet
126Kb / 6P
NPN General Purpose Transistor
June, 2012 ??Rev. 1
MMBT2222AM3T5G ONSEMI-MMBT2222AM3T5G_12 Datasheet
126Kb / 6P
NPN General Purpose Transistor
June, 2012 ??Rev. 1
More results

Similar Description - MMBT2222AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
KTC3876 SECOS-KTC3876 Datasheet
183Kb / 2P
0.5A , 35V NPN Plastic Encapsulated Transistor
MMBTA43 SECOS-MMBTA43 Datasheet
59Kb / 1P
0.5A , 200V NPN Plastic Encapsulated Transistor
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
S9013W SECOS-S9013W Datasheet
59Kb / 1P
0.5A , 40V NPN Plastic Encapsulated Transistor
2SC6517 SECOS-2SC6517 Datasheet
376Kb / 4P
0.5A , 350V NPN Plastic Encapsulated Transistor
KTA1505 SECOS-KTA1505 Datasheet
125Kb / 2P
-0.5A , -35V PNP Plastic Encapsulated Transistor
MPSA55 SECOS-MPSA55 Datasheet
77Kb / 1P
-0.5A , -60V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com