Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC1663G-E1 Datasheet(PDF) 2 Page - NEC

Part # UPC1663G-E1
Description  ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663G-E1 Datasheet(HTML) 2 Page - NEC

  UPC1663G-E1 Datasheet HTML 1Page - NEC UPC1663G-E1 Datasheet HTML 2Page - NEC UPC1663G-E1 Datasheet HTML 3Page - NEC UPC1663G-E1 Datasheet HTML 4Page - NEC UPC1663G-E1 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
VC–VE
Voltage between VC and VE
V
-0.3 to 14
PT
Total Power Dissipation2
mW
280
VID
Differential Input Voltage
V
±5
VIN
Input Voltage
V
±6
IO
Output Current
mA
35
TOP
Operating Temperature
°C
-45 to +75
TSTG
Storage Temperature
°C
-55 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
EQUIVALENT CIRCUIT
Supply Voltage, V
± (V)
VIDEO LINE SINGLE ENDED
OUTPUT VOLTAGE SWING vs. FREQUENCY
Frequency, f (Hz)
2.0
1.0
0
100 k
1 M
10 M
100 M
1G
OUT
75
Ω
75
Ω
75
Ω
75
Ω
200
Ω
200
Ω
0.1
µ
VC = 6 V, Ve = -6 V
TYPICAL PERFORMANCE UNDER
SINGLE SUPPLY +5 V OPERATION*
PARAMETER
CONDITIONS
TYPICAL UNITS
Differential Gain 15 MHz
Gain 1
35
dB
Gain 2
11
dB
Bandwidth
Gain is 3 dB down from
Gain 1
the gain at 100 KHz
106
MHz
Gain 2
115
MHz
Rise Time
RS = 50
Ω, VOUT = 80 mVp-p
Gain 1
2.2
ns
Propagation
Delay
Gain 1
RS = 50
Ω, VOUT = 80 mVp-p
2.8
ns
Gain 2
RS = 50
Ω, VOUT = 60 mVp-p
1.8
ns
Phase Shift
100 MHz
Gain 1
-123
degree
Gain 2
-93
degree
Output Power
ZL = 50
Ω, 15 MHz
RA = 240
Ω
5.0
dBm
RA = 910
Ω
0
dBm
RA = 80
Ω
-11.5
dBm
UPC1663G
NORMALIZED VOLTAGE GAIN
vs. SUPPLY VOLTAGE
* See Application Circuit
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on 5 cm x 5 cm x 0.16 mm glass epoxy PCB
(TA = Max TOP).
3. Mounted on 50 cm x 50 cm x 1.6 mm glass epoxy PCB with
copper film (TA = Max TOP).
RECOMMENDED
OPERATING CONDITIONS (TA = 25°C)
SYMBOLS
CHARACTERISTICS
UNITS MIN TYP MAX
VC
Positive Supply Voltage
V
+2
+6
+6.5
Ve
Negative Supply Voltage
V
-2
-6
-6.5
IO source
Source Current
mA
20
IO sink
Sink Current
mA
2.5
Frequency Range
MHz
DC
200
Attention:
Due to high frequency characteristics, the physical circuit layout is very
critical. Supply voltage line bypass, double-sided printed-circuit board,
and wide-area ground line layout are necessary for stable operation.
Two signal resistors connected to both inputs and two load resistors
connected to both outputs should be balanced for stable operation.
TYPICAL PERFORMANCE CURVES (TA = 25°C)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.1
+2
+3
+4
+5
+6
+7
+8
VC
Gain 2
Gain 1
-2
-3
-4
-5
-6
-7
-8
VE
VC
IN1
GA
IN2
GB
OUT1
OUT2
Ve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com