Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBRF3040CT Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBRF3040CT
Description  30.0A SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MBRF3040CT Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MBRF3040CT Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBRF3040CT Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF3040CT – MBRF30200CT
30.0A SCHOTTKY BARRIER DIODE
Features
              
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
1 of 2
MBRF3040CT – MBRF30200CT
Case: ITO-220AB, Molded Plastic
Mounting Position: Any
Polarity: See Diagram
Terminals: Plated Leads Solderable per
Classification Rating 94V-O
Plastic Case Material has UL Flammability
Guard Ring Die Construction
For Use in Low Voltage Application
Low Power Loss, High Efficiency
Ideally Suited for Automatic Assembly

Mechanical Data
!
!
MIL-STD-202, Method 208
!
!
!
Lead Free: For RoHS / Lead Free Version
!
Schottky Barrier Chip
!
!
!
!
!
= 15A
V
°C/W
pF
0.70
V
28
31
35
42
70
105
140
V
40
45
50
60
100
150
200
V
30100
MBRF
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75°C
(Note 1)
IO
30.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
200
A
Forward Voltage
@IF
FM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.1
20
mA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 1)
RJA
Operating and Storage Temperature Range
Tj, TSTG
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3040
MBRF
3045
MBRF
3050
MBRF
3060
30150
MBRF
30200
Units
0.80
0.85
0.92
350
280
200
3.0
2.0
CT
MBRF
MBRF
CT
CT
CT
CT
CT
CT
A
PIN1
2
3
D
F
E
PIN 1 -
+
J
PIN 3 -
PIN 2
K
ITO-220AB
Dim
Min
Max
A
14.50
15.50
B
9.50
10.50
C
2.55
2.90
D
E
13.00
14.00
F
0.30
0.90
G
3.00 Ø
3.80 Ø
H
6.30
7.30
I
4.20
4.80
J
2.50
2.90
K
0.47
0.75
L
2.50
3.10
P
2.35
2.75
All Dimensions in mm
C
B
G
P
I
L
H
3.30
4.30
-55 to +175
-55 to +150
Alldatasheet


Similar Part No. - MBRF3040CT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBRF3040CT LUGUANG-MBRF3040CT Datasheet
265Kb / 2P
Schottky Barrier Rectifiers
logo
Tiger Electronic Co.,Lt...
MBRF3040CT TGS-MBRF3040CT Datasheet
449Kb / 2P
TO-220F Plastic-Encapsulate Diodes
logo
Sangdest Microelectroni...
MBRF3040CT SMC-MBRF3040CT Datasheet
120Kb / 7P
SCHOTTKY RECTIFIER
logo
Microdiode Semiconducto...
MBRF3040CT CHENDA-MBRF3040CT Datasheet
588Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
MBRF3040CT DSK-MBRF3040CT Datasheet
327Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRF3040CT

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP3040CF WILLAS-SP3040CF Datasheet
360Kb / 2P
30.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR3040C WILLAS-SR3040C Datasheet
429Kb / 2P
30.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR3040CT WILLAS-SR3040CT Datasheet
435Kb / 2P
30.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Zibo Seno Electronic En...
MBR3040CG ZSELEC-MBR3040CG Datasheet
312Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
MBR3040CK ZSELEC-MBR3040CK Datasheet
307Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
MBR3040CT ZSELEC-MBR3040CT Datasheet
310Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
GF3045MG ZSELEC-GF3045MG Datasheet
351Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
MBR3040ST ZSELEC-MBR3040ST Datasheet
152Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
MBR3040PT ZSELEC-MBR3040PT Datasheet
165Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
SB3040PT ZSELEC-SB3040PT Datasheet
140Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com