Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9428WPI-2.7 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9428WPI-2.7
Description  Single Digitally Controlled Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9428WPI-2.7 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9428WPI-2.7 Datasheet HTML 4Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 5Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 6Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 7Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 8Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 9Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 10Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 11Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
X9428
Characteristics subject to change without notice.
8 of 20
REV 1.1.5 7/8/03
www.xicor.com
DETAILED OPERATION
The potentiometer has a Wiper Counter Register and
four Data Registers. A detailed discussion of the
register organization and array operation follows.
Wiper Counter Register
The X9428 contains a Wiper Counter Register. The
Wiper Counter Register can be envisioned as a 6-bit
parallel and serial load counter with its outputs
decoded to select one of sixty-four switches along its
resistor array. The contents of the WCR can be altered
in four ways: it may be written directly by the host via
the write Wiper Counter Register instruction (serial
load); it may be written indirectly by transferring the
contents of one of four associated Data Registers via
the XFR Data Register instruction (parallel load); it can
be modified one step at a time by the Increment/
Decrement instruction. Finally, it is loaded with the
contents of its Data Register zero (DR0) upon power-
up.
The WCR is a volatile register; that is, its contents are
lost when the X9428 is powered-down. Although the
register is automatically loaded with the value in DR0
upon power-up, it should be noted this may be different
from the value present at power-down.
Data Registers
The potentiometer has four nonvolatile Data Registers.
These can be read or written directly by the host and
data can be transferred between any of the four Data
Registers and the Wiper Counter Register. It should be
noted all operations changing data in one of these
registers is a nonvolatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.
Register Descriptions
Data Registers, (6-Bit), Nonvolatile
Four 6-bit Data Registers for each XDCP. (eight 6-bit
registers in total).
– {D5~D0}: These bits are for general purpose not
volatile data storage or for storage of up to four
different wiper values. The contents of Data Register
0 are automatically moved to the Wiper Counter
Register on power-up.
Wiper Counter Register, (6-Bit), Volatile
One 6-bit wiper counter register for each XDCP. (Four
6-bit registers in total.)
– {D5~D0}: These bits specify the wiper position of the
respective XDCP. The Wiper Counter Register is
loaded on power-up by the value in Data Register 0.
The contents of the WCR can be loaded from any of
the other Data Register or directly. The contents of
the WCR can be saved in a DR.
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
(MSB)
(LSB)
WP5
WP4
WP3
WP2
WP1
WP0
VVVVVV
(MSB)
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com