Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PICO-BSW1 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-BSW1
Description  HDMI Up to 3840 x 2160 (4K) Resolution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-BSW1 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-BSW1 Datasheet HTML 1Page - AAEON Technology PICO-BSW1 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Block Diagram
Dimension
Unit: mm
Intel®
Braswell M/D
SoC
DDR3L SO-DIMM
DDI Port 1
USB 3.0 * 2
USB 3.0
SATA III
RJ-45
Realtek
GbE Ethernet
RTL-8111E
PCIe[x1]
mSATA/MiniCard
(Full size)
BIOS
SPI
Channel 0
Mini-Card (Half-Size)
PCIe[x1]/SATA
GbE
Fintek
Super I/O
F81801
DIO 4bit
COM1~2
(COM2 support RS-232/422/485)
HW
Monitor
LPC
LPC /Smbus/ GPIO or PWG
SATA
HDMI
DP to LVDS
NXP
PTN3460
18/24bit 2CH LVDS
LVDS
Realtek
Audio Codec
ALC892
HD Audio
Line out
USB 2.0
DDI Port 0
PCIe[x1]
BIO
PCIE * 1
DDI Port 2
USB3.0 / USB2.0
USB 2.0
USB 2.0
Line-out
Smbus/
I2C
Smbus/ I2C
PICO-BSW1
Ordering Information
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232 RS-232/422/485
Expansion Slot
Power
Power Temp
Others
PICO-BSW1-A10-0001 N3160
Heat-Spreader
LVDS/HDMI 24bit,2CH
SATA x 1, mSATA x 1
(Full-size)
GbE x 1 USB3.0 x 2
1
1
miniCard x 1 (Half-size)
12V
0°C ~ 60°C
BIO x 1, DIO x 4, Line-out
PICO-BSW1-A10-0002 X5-E8000
Heat-Spreader
LVDS/HDMI 24bit,2CH
SATA x 1, mSATA x 1
(Full-size)
GbE x 1 USB3.0 x 2
1
1
miniCard x 1 (Half-size)
12V
0°C ~ 60°C
DIO x 4, Line-out
05-3
05-4
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com