Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSG4407J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4407J
Description  P-Ch Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4407J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4407J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4407J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SSG4407J
-12A, -30V, RDS(ON) 13 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
10-Feb-2017 Rev. C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS= 0V, ID= -250µA
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -30V,VGS= 0V
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS= 0V, VGS=±20V
On Characteristics
1
Gate-Threshold Voltage
VGS(th)
-1
-
-2.2
V
VDS=VGS, ID = -250µA
-
-
13
VGS= -10V, ID = -12A
Drain-Source On-Resistance
RDS(ON)
-
-
17
m
VGS= -6V, ID = -10A
Forward Transfer Conductance
Gfs
25
-
-
S
VDS= -5V, ID= -15A
Dynamic Characteristics
Input Capacitance
Ciss
-
2900
-
Output Capacitance
Coss
-
410
-
Reverse Transfer Capacitance
Crss
-
280
-
pF
VGS= 0V
VDS= -15V
f=1.0MHz
Switching Characteristics
Total Gate Charge
Qg
-
48
-
Gate-Source Charge
Qgs
-
12
-
Gate-Drain (“Miller”) Charge
Qgd
-
14
-
nC
ID= -10A
VDS= -15V
VGS= -10V
Turn-On Delay Time
Td(on)
-
15
-
Rise Time
Tr
-
11
-
Turn-Off Delay Time
Td(off)
-
44
-
Fall Time
Tf
-
21
-
nS
VDD= -15V
VGS= -10V
RG= 3
RL= 1.25
Gate Resistance
RG
-
-
3.6
VDS=0V, VGS=0V, f=1.0MHz
Source-Drain Diode Characteristics
Forward On Voltage
1
VDS
-
-
-1.2
V
IS= -2A, VGS=0V
Continuous Source Current
IS
-
-
-15
A
Pulsed Source Current
ISM
-
-
-60
A
Notes:
1.
Pulse Test : Pulse Width≦300µs , duty cycle≦2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com