Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSG4459J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4459J
Description  P-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4459J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4459J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4459J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4459J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSG4459J
-6.5A, -30V, RDS(ON) 46 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
10-Feb-2017 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250µA
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -30V,VGS=0
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS=±20V
On Characteristics
1
Gate-Threshold Voltage
VGS(th)
-1.4
-
-2.4
V
VDS=VGS, ID= -250µA
-
-
46
VGS= -10V, ID= -6.5A
Static Drain-Source On-Resistance
RDS(ON)
-
-
72
m
VGS= -4.5V, ID= -5A
Forward Transfer Conductance
Gfs
6
-
-
S
VDS= -5V, ID= -6.5A
Dynamic Characteristics
Input Capacitance
Ciss
-
520
-
Output Capacitance
Coss
-
100
-
Reverse Transfer Capacitance
Crss
-
65
-
pF
VDS= -15V
VGS=0
f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
9.2
-
Gate-Source Charge
Qgs
-
1.6
-
Gate-Drain (“Miller”) Charge
Qgd
-
2.2
-
nC
VDS= -15V
VGS= -10V
ID= -6.5A
Turn-On Delay Time
Td(on)
-
7.5
-
Rise Time
Tr
-
5.5
-
Turn-Off Delay Time
Td(off)
-
19
-
Fall Time
Tf
-
7
-
nS
VDD= -15V
VGS= -10V
RG=3
RL=2.5
ID= -1A
Gate Resistance
RG
3.5
7.5
11.5
VDS=0V, VGS=0, f=1MHz
Source-Drain Diode Characteristics
Forward On Voltage
1
VDS
-
-
-1
V
IS= -1A, VGS=0
Continuous Source Current
IS
-
-
-6.5
A
Pulsed Source Current
ISM
-
-
-26
A
Notes:
1.
Pulse Test : Pulse width≦300µs , duty cycle≦2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com