Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

60EPF02 Datasheet(PDF) 7 Page - International Rectifier

Part # 60EPF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60EPF02 Datasheet(HTML) 7 Page - International Rectifier

  60EPF02 Datasheet HTML 1Page - International Rectifier 60EPF02 Datasheet HTML 2Page - International Rectifier 60EPF02 Datasheet HTML 3Page - International Rectifier 60EPF02 Datasheet HTML 4Page - International Rectifier 60EPF02 Datasheet HTML 5Page - International Rectifier 60EPF02 Datasheet HTML 6Page - International Rectifier 60EPF02 Datasheet HTML 7Page - International Rectifier 60EPF02 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
60EPF.. 60CPF..
QUIETIR Series
Bulletin I2113 rev. D 04/99
www.irf.com
Outline Table
Dimensionsinmillimetersand(inches)
Ordering Information Table
60
C
P
F
06
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration:
C = Single Diode, 3 pins
3
-
Package:
P = TO-247AC (Modified)
4
-
Type of Silicon:
F = Fast Recovery
5
-
Voltage code: Code x 100 = V
RRM
6
02 = 200V
04 = 400V
06 = 600V
CATHODE
BASE
CATHODE
ANODE
2
13
15 .90 (0 .626 )
15 .30 (0 .602 )
14 .20 ( 0 .559 )
14.80 ( 0.583)
3. 70 ( 0 .14 5)
4. 30 ( 0 .17 0)
5.30 ( 0.208)
5. 70 ( 0.22 5)
5.50 ( 0.217)
4. 50 ( 0.17 7)
( 2 PLCS.)
3. 55 ( 0 .13 9)
3. 65 ( 0 .14 4)
2. 20 ( 0 .087)
MAX .
1.00 ( 0 .03 9)
1.40 ( 0 .05 6)
0. 40 ( 0 .21 3)
0.80 ( 0.032)
4.70 ( 0.185)
5. 30 ( 0.20 9)
1.5 ( 0.059)
2.5 ( 0.098)
2. 40 ( 0 .095)
MAX .
10.86 ( 0 .427 )
10. 94 ( 0.430)
20 .30 ( 0 .800 )
19 .70 ( 0 .775 )
DIA.
12
3
Base Cathode
Anode
Anode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com