Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SML-M13VT Datasheet(PDF) 9 Page - Rohm

Part # SML-M13VT
Description  Compact LED with reflector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-M13VT Datasheet(HTML) 9 Page - Rohm

Back Button SML-M13VT Datasheet HTML 4Page - Rohm SML-M13VT Datasheet HTML 5Page - Rohm SML-M13VT Datasheet HTML 6Page - Rohm SML-M13VT Datasheet HTML 7Page - Rohm SML-M13VT Datasheet HTML 8Page - Rohm SML-M13VT Datasheet HTML 9Page - Rohm SML-M13VT Datasheet HTML 10Page - Rohm SML-M13VT Datasheet HTML 11Page - Rohm SML-M13VT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
    
[Data Sheet]
Stress strength according to
he mounting position:
A>B>C>D
so please pay attention to the touch on product.
We recommend the soldering pattern that shows on the right.
It will be different according to mounting situation of circuit board,
therefore, please concern before designing.
※The product has adopted the electrode structure that it should solder
with back electrode of the product.
Thus, please be informed that the shape of electrode pin of
solder fillet formation is not guaranteed.
The through hole on electrode surface is for conduction of front
 and rear electrodes but not for formation of solder fillet.
・Do not expose the product in the environment of high temperature (over 100℃) or rapid temperature
shift (within 3℃/sec. of temperature gradient) during the flow soldering of surrounding parts.
the mounter to control the product stabilization. In addition, it is recommended to set ionizer
 one of its specific characteristics is that solder will penetrate into LED. Thus, there's high possibility
that will influence its reliability.Therefore, please be informed, concerning it before using it.
4-2. Automatic Mounting
4-2-1. Silicon Resin Sealing Product
The sealing resin of LED is very soft, so please select adsorption nozzle that would not apply stress
directly on the sealing section.
4-2-2. Mini Package (Smaller than 1608 size)
・Vibration may result in low mounting rate since it will cause the static electricity of product and
adhere to top cover tape. Therefore, the magnet should be set on parts feeder cassette of
with other parts within the usage limitation after open the moistureproof package.
[SML-M13x/MN2x series]
4-1. Soldering
・The max for reflowing is 2 times, please finish the second reflow soldering and flow soldering
・No resin hardening agent such as filler is used in the sealing resin of the product. Therefore, resin
expansion and moisture absorption at humidity will cause heat stress during soldering process and
4.Mounting
finally has bad influence on the product’s reliability.
・The product is not guaranteed for flow soldering.
In case of carrying out flow soldering of surrounding parts without recommended conditions, please
contact us for inquiries.
・Please set appropriate reflow temperature based on our product usage conditions and specification.
・Compare with N2 reflow, during air reflow, because of the heat and surrounding conditions,
it may cause the discoloration of the resin.
・For our product that has no solder resist, because of its solder amount and soldering conditions,
4-5.Soldering Pattern for Recommendation
to prevent electrostatic charge.
4-3. Mounting Location
The stress like bending stress of circuit board dividing after mounting, may cause LED package crack
or damage of LED internal junction, therefore, please concern the mounting direction and position
to avoid bending or screwing with great stress of the circuit board.
4―4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting,
1.1mm
1.1mm
1.25mm
1.25mm
PCB Bonding Direction
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
9/10
2017.5 - Rev.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com