Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SML-P11VT Datasheet(PDF) 9 Page - Rohm

Part # SML-P11VT
Description  Ultra compact, thin size
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P11VT Datasheet(HTML) 9 Page - Rohm

Back Button SML-P11VT Datasheet HTML 3Page - Rohm SML-P11VT Datasheet HTML 4Page - Rohm SML-P11VT Datasheet HTML 5Page - Rohm SML-P11VT Datasheet HTML 6Page - Rohm SML-P11VT Datasheet HTML 7Page - Rohm SML-P11VT Datasheet HTML 8Page - Rohm SML-P11VT Datasheet HTML 9Page - Rohm SML-P11VT Datasheet HTML 10Page - Rohm SML-P11VT Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
    
[Data Sheet]
ΔTD/Δt
Temperature decreasing rate
Retention time for TL
Over -3℃/sec.
tL
TP
tP
ΔTR/Δt
■Meaning of marks, Conditions
Mark
Tsmax
Tsmin
ts
TL
Conditions
180℃
140℃
Over 60sec.
230〜260℃
Meanings
Maximum of pre-heating temperature
Minimum of pre-heating temperature
Temperature
Under 30℃ within 3 minutes
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Peak temperature
Time for peak temperature
Temperature rising rate
Within 40sec.
260℃(Max)
Within 10sec.
Under 3℃/sec.
please take care of following points.
①SOLDER USED
RECOMMENDED CONDITION
Condition ) Temp. of iron top less than
400℃ within 3 sec.
Heating on PCB pattern, not direct to the
LED. (Fig-1)
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
[SML-P11x series]
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
furnaces vary by customer’s own conditions.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
a) Heating method
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
Time from Tsmin to Tsmax
Reference temperature
Fig-1
SOLDERING
LAND
SOLDERING IRON
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
9/9
2017.8 - Rev.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com