Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SML-P12VT Datasheet(PDF) 3 Page - Rohm

Part # SML-P12VT
Description  Ultra compact, thin size
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P12VT Datasheet(HTML) 3 Page - Rohm

  SML-P12VT Datasheet HTML 1Page - Rohm SML-P12VT Datasheet HTML 2Page - Rohm SML-P12VT Datasheet HTML 3Page - Rohm SML-P12VT Datasheet HTML 4Page - Rohm SML-P12VT Datasheet HTML 5Page - Rohm SML-P12VT Datasheet HTML 6Page - Rohm SML-P12VT Datasheet HTML 7Page - Rohm SML-P12VT Datasheet HTML 8Page - Rohm SML-P12VT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
     Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
Reference
[SML-P12x/P13x series]
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
-40
10
60
110
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
1
10
100
2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 4
FORWARD VOLTAGE : VF [V]
Ta=25ºC
SMLP13EC8T
SMLP13BC8T
SCMP13WBC8W
SMLP13WBC9W
0.4
0.6
0.8
1
1.2
1.4
1.6
-40-30-20-10 0 10 20 30 40 50 60 70 80 90100
I
F=5mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
SMLP13EC8T
SMLP13BC8T
SCMP13WBC8W
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
SMLP13EC8T
SMLP13BC8T
SCMP13WBC8W
SMLP13WBC9W
SMLP13EC8T
SMLP13BC8T
SCMP13WBC8W
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
3/10
2017.8 - Rev.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com