Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF548 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF548
Description  UHF push-pull power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF548 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF548 Datasheet HTML 1Page - NXP Semiconductors BLF548 Datasheet HTML 2Page - NXP Semiconductors BLF548 Datasheet HTML 3Page - NXP Semiconductors BLF548 Datasheet HTML 4Page - NXP Semiconductors BLF548 Datasheet HTML 5Page - NXP Semiconductors BLF548 Datasheet HTML 6Page - NXP Semiconductors BLF548 Datasheet HTML 7Page - NXP Semiconductors BLF548 Datasheet HTML 8Page - NXP Semiconductors BLF548 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2003 Sep 26
5
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF548
Fig.4
Temperature coefficient of gate-source
voltage as a function of drain current; typical
values per section.
VDS =10V.
handbook, halfpage
0
1
2
3
−1
−2
−3
−4
10−1
10−2
110
TC
(mV/K)
ID (A)
MRA524
Fig.5
Drain current as a function of gate-source
voltage; typical values per section.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
0
5
10
15
20
25
0
4
8
12
16
MRA529
ID
(A)
VGS (V)
Fig.6
Drain-source on-state resistance as a
function of junction temperature; typical
values per section.
ID = 4.8 A; VGS = 10 V.
handbook, halfpage
0
0.1
0.2
0.3
0.4
0.5
0
40
80
120
MRA522
RDSon
(Ω)
Tj (
oC)
Fig.7
Input and output capacitance as functions
of drain-source voltage; typical values per
section.
handbook, halfpage
0
100
200
300
400
0
102030
C
(pF)
VDS (V)
Cos
Cis
MRA525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com