Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-HA132 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-HA132
Description  STANDARD CHIP LED LAMPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-HA132 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-HA132 Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.2(.087)
2.8(.110)
Cathode
0.8(.03)
0.1(.004) NOM.
1.9(.075)
0.5(.020)
(Anode For BL-HD032,BL-HF032)
BL-HXXX2A Series
Absolute Maximum Ratings(Ta=25 )
UNIT
SPEC.
IF
mA
30
IFp
mA
100
VR
V5
IR
uA
100
Top
-25~+80
Tstg
-30~+85
Chip
Electro-optical Data (At 20mA)
Vf(V)
Iv(mcd)
Part No.
Material
Emitted
Color
p
(nm)
(nm)
Lens
Appearance
Typ.
Max.
Min.
Typ.
Viewing
Angle
2 1/2
(deg)
BL-HH032A
GaP/GaP
Bright Red
700
90
2.2
2.6
1.4
4.2
BL-HG032A
GaP/GaP
Green
568
30
2.2
2.6
6.0
18.0
BL-HGC32A
GaP/GaP
Green
568
30
2.1
2.6
16.0
35.0
BL-HX132A
GaP/GaP
Hi-Eff Green
568
30
2.0
2.6
11.0
22.0
BL-HW132A
GaP/GaP
Pure Green
555
25
2.2
2.6
1.4
3.5
BL-HY032A
GaAsP/GaP
Yellow
585
35
2.1
2.6
4.0
13.0
BL-HE032A
GaAsP/GaP
H-Eff Red
630
45
2.0
2.6
4.5
14.5
BL-HE132A
GaAsP/GaP
Hi-Eff Red
640
45
2.0
2.6
4.5
14.5
BL-HA132A
GaAsP/GaP
Sof t-Orange
610
35
2.0
2.6
2.1
10.0
* BL-HS032A
GaAlAs/GaAs
Super Red
660
20
1.7
2.6
24.0
50.0
* BL-HS132A
GaAlAs/GaAs
Super Red
660
20
1.8
2.6
24.0
55.0
* BL-HD032A
GaAlAs/GaAs
Super Red
660
20
1.8
2.6
20.0
60.0
* BL-HF032A
GaAlAs/GaAlAs
Super Red
660
20
2.1
2.6
22.0
65.0
* BL-HF132A
GaAlAs/GaAlAs
Super Red
660
20
2.1
2.6
37.0
75.0
* BL-HF532A
GaAlAs/GaAlAs
Super Red
660
20
Water Clear
2.2
2.6
24.0
62.0
120
3.Specifications are subject to change without notice.
4.Condition for IFp is pulse of 1/10 duty and 0.1msec width.
2.Tolerance is 0.10(.004") unless otherwise specified.
1.All dimensions are in millimeters(inches).
NOTE:
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-HA132

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HA133-TRB BRIGHT-BL-HA133-TRB Datasheet
289Kb / 7P
Amber Mono-color type 3.2x1.6x1.1mm(1206) standard package.
logo
American Bright OPTOELE...
BL-HA133-TRB AMERICANBRIGHT-BL-HA133-TRB Datasheet
298Kb / 7P
Top Emitting SMT LED Components
Ver.2.0
logo
Yellow Stone Corp
BL-HA133A YSTONE-BL-HA133A Datasheet
445Kb / 1P
SURFACE MOUNT CHIP LED LAMPS
BL-HA133A YSTONE-BL-HA133A Datasheet
538Kb / 1P
SURFACE MOUNT CHIP LED LAMPS
logo
BRIGHT LED ELECTRONICS ...
BL-HA133A-AV-TRB BRIGHT-BL-HA133A-AV-TRB Datasheet
311Kb / 8P
Emitted Color: Amber.
More results

Similar Description - BL-HA132

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B1131N YSTONE-BL-B1131N Datasheet
1Mb / 2P
STANDARD LED LAMPS
BL-B1137 YSTONE-BL-B1137 Datasheet
653Kb / 2P
STANDARD LED LAMPS
BL-S1132 YSTONE-BL-S1132 Datasheet
659Kb / 2P
STANDARD LED LAMPS
BL-C1131A YSTONE-BL-C1131A Datasheet
508Kb / 2P
STANDARD LED LAMPS
BL-HH035 YSTONE-BL-HH035 Datasheet
117Kb / 1P
STANDARD CHIP LED LAMPS
BL-HH031 YSTONE-BL-HH031 Datasheet
93Kb / 1P
STANDARD CHIP LED LAMPS
logo
Purdy Electronics Corpo...
AND114G PURDY-AND114G Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND113G-GP PURDY-AND113G-GP Datasheet
88Kb / 2P
Standard Bright LED LAMPS
AND114G-GP PURDY-AND114G-GP Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND820HW PURDY-AND820HW Datasheet
377Kb / 2P
Standard Bright LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com