Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC3293 Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC3293
Description  3A, 18V, Synchronous Step-down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293 Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC3293 Datasheet HTML 3Page - E-CMOS Corporation EC3293 Datasheet HTML 4Page - E-CMOS Corporation EC3293 Datasheet HTML 5Page - E-CMOS Corporation EC3293 Datasheet HTML 6Page - E-CMOS Corporation EC3293 Datasheet HTML 7Page - E-CMOS Corporation EC3293 Datasheet HTML 8Page - E-CMOS Corporation EC3293 Datasheet HTML 9Page - E-CMOS Corporation EC3293 Datasheet HTML 10Page - E-CMOS Corporation EC3293 Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 11
3L03N-Rev.P001
External Bootstrap Diode
An external bootstrap diode may enhance the efficiency
of the regulator, the applicable conditions of external
BOOT diode are:
● V
OUT = 5V or 3.3V; and
● Duty cycle is high: D = V
OUT/VIN > 65%
In these cases, an external BOOT diode is recommended
from the output of the voltage regulator to BOOT pin, as
shown in Figure 1.
Figure 1: Add optional external bootstrap diode to
enhance efficiency.
The recommended external BOOT diode is IN4148, and
the BOOT capacitor is 0.1 ~
1μF.
When VIN ≤ 6V, for the purpose of promote the
efficiency, it can add an externalSchottky diode
between IN and BOOT pins, as shown in Figure 2.
Figure 2: Add a Schottky diode to promote efficiency
when VIN ≤ 6V.
Table 3: BOM selection table II.
Note: To guarantee the bandwidth, if decrease the value of
C2, then R3 must be reduced in proportion to C2, and C3
must be increased in proportion to C2.
PCB Layout Guide
PCB layout is very important to achieve stable operation.
Please follow the guidelines below.
1) Keep the path of switching current short and
minimize the loop area formed by Input capacitor,
high-side MOSFET and low-side MOSFET.
2) Bypass ceramic capacitors are suggested to be put
close to the VIN Pin.
3) Ensure all feedback connections are short and direct.
Place
the
feedback
resistors
and
compensation
components as close to the chip as possible.
4) Rout SW away from sensitive analog areas such as
FB.
5) Connect IN, SW, and especially GND respectively to a
large copper area to cool the chip to improve thermal
performance and long-term reliability.
BOM of EC3293
Please refer to the Typical Application Circuit.
Table 2: BOM selection table I.
L1
R1
R2
R3
C2
C3
Rfreq
C8
Vout = 5.0V
6.8uH
44.2K
10K
100K
22uFx2
100pF
175K
100pF
Vout = 3.3V
4.7uH
25.7K
10K
100K
22uFx2
100pF
175K
100pF
Vout = 2.5V
4.7uH
17.1K
10K
100K
22uFx2
100pF
175K
50pF
Vout = 1.8V
3.3uH
9.5K
10K
100K
22uFx2
100pF
175K
50pF
Vout = 1.2V
2.2uH
3K
10K
62K
22uFx2
200pF
240K
20pF
Vout = 1.0V
2.2uH
0.834K
10K
62K
22uFx2
200pF
240K
20pF
Item
Reference
Part
1
C1
10μF
2
C5
100nF
3
C7
0.1μF
4
R4
100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com