Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP0891 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DP0891
Description  GAAS 5 SECTION PHASE SHIFTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DP0891 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DP0891 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
180
°
1
•• •••• ••• • ••• • •
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19
+5V
GND GND N/C GND GND N/C 11.25
° GND GND GND 22.5° 45° GND GND 90° 180° GND GND
“0”
“0” “1”
“0” “0”
GND
GND
••
•
•
•
90
°
45
°
22.5
°
11.25
°
N/C = No Internal Connection
•
•
••
•
•
•
RF
IN/OUT
38
RF
OUT/IN
20
37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
.xx = .02
.xxx = .010
.018
±.002 DIA
COLOR BEAD
CONTRASTING
1.800
.100 TYP
119
20
38
.800
PART
IDENTIFICATION
.20
38 PLACES
2.00 MAX
1.00 MAX
.20
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1010
1110
MHz
DC Current
1.2
10
mA
At +5 VDC Supply
Control Type
TTL
5 Line
Logic “0” = Thru
Logic “1” = Phase Shift
Control Current
High
1
±20 µA
VIH = +3.0 V
Low
1
±20 µA
VIL = +0.5 V
Insertion Loss
5.3
7.5
dB
Stability
±0.2
±0.5 dB
For All Phase Shifters
Phase Shift
LSB
11.25
DEG
Range
0
348.75 DEG
11.25, 22.5, 45, 90, 180
Accuracy
±5 DEG
Any 1 Bit
±10 DEG
Any Combination
VSWR
1.15/1
1.3/1
Impedance
50
OHMS
Switching Speed
48
100
nSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
25
nSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
180
mV
Peak Value
Intercept Points
2nd
+80
dBm
3rd
+50
dBm
RF Power
Operate
+26
+24
dBm
0.1 dB Compression
No Damage
+27
dBm
Operating Temperature
-40
+25
+70
°CTA
GUARANTEED PERFORMANCE
TYPICAL PERFORMANCE
at 25
°C
3000
1000
400
100
1.2
1.6
1.8
2.0
2.2
2
6
8
10
12
1.0
0
1.4
4
FREQUENCY (MHz)
VSWR
I. LOSS
MODEL NO.
DP0891
GaAs 5 Section Phase Shifter
FEATURES
101 0 - 1110 MHz
Constant Insertion Loss
48 nSec Switching Speed
TTL Control
38 Pin DIP
5 BIT
D A ICO
I ndustries
Rev. B / Iss. 1


Similar Part No. - DP0891

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
3 Section Phase Shifter / Amplifier/ Switch
DP0881 DAICO-DP0881 Datasheet
26Kb / 1P
GAAS 1 SECTION PHASE SHIFTER
More results

Similar Description - DP0891

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0881 DAICO-DP0881 Datasheet
26Kb / 1P
GAAS 1 SECTION PHASE SHIFTER
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
Phase Shifter, 4 Section
DPS38017 DAICO-DPS38017 Datasheet
25Kb / 1P
3 Section Phase Shifter
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS52005 DAICO-DPS52005 Datasheet
178Kb / 1P
Phase Shifter 5 Section
DPS52181 DAICO-DPS52181 Datasheet
211Kb / 1P
Phase Shifter 5 Section
DPS89032 DAICO-DPS89032 Datasheet
167Kb / 1P
Phase Shifter 8 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com