Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC24C64CF2GT Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC24C64CF2GT
Description  64K bits Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C64CF2GT Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC24C64CF2GT Datasheet HTML 1Page - E-CMOS Corporation EC24C64CF2GT Datasheet HTML 2Page - E-CMOS Corporation EC24C64CF2GT Datasheet HTML 3Page - E-CMOS Corporation EC24C64CF2GT Datasheet HTML 4Page - E-CMOS Corporation EC24C64CF2GT Datasheet HTML 5Page - E-CMOS Corporation EC24C64CF2GT Datasheet HTML 6Page - E-CMOS Corporation EC24C64CF2GT Datasheet HTML 7Page - E-CMOS Corporation EC24C64CF2GT Datasheet HTML 8Page - E-CMOS Corporation EC24C64CF2GT Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
EC24C64C
64K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 17
5C26N-Rev.F001
Ordering Information & Marking Information
EC24C
64C XX X X
Functional Block Diagram
Device Function
64=64Kbit
(8,192×8)
R:Tape & Reel
T:Tube
G:Green
M1:SOP 8L
E1:TSSOP 8L
R1:MSOP 8L
F2:DFN 8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com