Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC93C46A Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC93C46A
Description  Three-wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC93C46A Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC93C46A Datasheet HTML 6Page - E-CMOS Corporation EC93C46A Datasheet HTML 7Page - E-CMOS Corporation EC93C46A Datasheet HTML 8Page - E-CMOS Corporation EC93C46A Datasheet HTML 9Page - E-CMOS Corporation EC93C46A Datasheet HTML 10Page - E-CMOS Corporation EC93C46A Datasheet HTML 11Page - E-CMOS Corporation EC93C46A Datasheet HTML 12Page - E-CMOS Corporation EC93C46A Datasheet HTML 13Page - E-CMOS Corporation EC93C46A Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EC93C46A
Three-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 14
2G30N-Rev.F001
Mechanical Dimensions
OUTLINE DRAWING MSOP - 8
Available package types : EC93C46A
Top View
Side View
Section B -B
End View
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
MAX
A
-
1.10
A1
0.05
0.15
A2
0.75
0.95
A3
0.30
0.40
b
0.29
0.38
b1
0.28
0.33
c
0.15
0.20
c1
0.14
0.16
D
2.90
3.10
E
4.70
5.10
E1
2.90
3.10
e
0.65 BSC
L
0.40
0.70
L1
0.95 BSC
θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com