Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALN1765AT Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1765AT
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1765AT Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1765AT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1765AT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1765AT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1765AT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
June 2017
plerowTM ALN1765AT
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
1739 MHz
1755 MHz
1770 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
17.44
-19.68
-10.45
17.34
0.21
-20.59-
-10.50
17.23
-21.92
-10.45
4.75 V
17.50
-21.11
-10.78
17.39
0.22
-22.12
-10.85
17.28
-23.56
-10.83
5.00 V
17.52
-21.70
-10.42
17.40
0.22
-22.70
-10.49
17.30
-24.22
-10.45
5.25 V
17.53
-21.59
-10.26
17.39
0.22
-22.80
-10.32
17.31
-24.56
-10.31
5.50 V
17.55
-22.47
-10.20
17.39
0.23
-23.80
-10.29
17.32
-25.67
-10.28
1739 MHz
1755 MHz
1770 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
33.19
17.88
0.687
33.07
17.92
0.668
33.13
17.85
0.715
4.75 V
32.12
18.32
0.684
31.85
18.35
0.693
32.41
18.32
0.710
5.00 V
31.37
18.76
0.705
31.07
18.77
0.703
31.58
18.73
0.749
5.25 V
30.78
19.11
0.723
30.48
19.11
0.729
30.77
19.09
0.745
5.50 V
30.15
19.44
0.730
29.86
19.47
0.743
30.00
19.43
0.750
1739 MHz
1755 MHz
1770 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
18.86
-21.56
-12.29
18.78
0.30
-22.80
-12.12
18.56
-21.94
-12.29
-10
C
18.67
-21.38
-12.61
18.54
0.30
-22.13
-12.72
18.37
-21.40
-12.68
25
C
18.45
-21.71
-12.42
18.30
0.31
-22.72
-12.28
18.14
-21.53
-12.50
60
C
18.26
-21.31
-12.25
18.15
0.31
-21.86
-12.24
18.95
-21.13
-12.49
85
C
18.10
-21.20
-12.00
17.99
0.32
-21.19
-11.95
17.78
-21.12
-12.06
1739 MHz
1755 MHz
1770 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
31.44
19.21
0.460
31.58
18.99
0.494
31.45
19.05
0.470
-10
C
32.14
18.99
0.577
32.47
18.88
0.570
32.45
18.95
0.586
25
C
31.91
18.85
0.717
32.11
18.67
0.731
32.14
18.84
0.713
60
C
31.76
18.25
0.908
31.98
18.30
0.898
32.04
18.44
0.922
85
C
31.64
17.62
1.031
31.89
17.76
1.035
31.93
17.96
1.054
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com