Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC9215 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC9215
Description  Step-up DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9215 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC9215 Datasheet HTML 1Page - E-CMOS Corporation EC9215 Datasheet HTML 2Page - E-CMOS Corporation EC9215 Datasheet HTML 3Page - E-CMOS Corporation EC9215 Datasheet HTML 4Page - E-CMOS Corporation EC9215 Datasheet HTML 5Page - E-CMOS Corporation EC9215 Datasheet HTML 6Page - E-CMOS Corporation EC9215 Datasheet HTML 7Page - E-CMOS Corporation EC9215 Datasheet HTML 8Page - E-CMOS Corporation EC9215 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Step-up DC/DC Controller
EC9215
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 15
5J15N-Rev.F001
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output Source Current
INV=0V,FB=0.5V
-150
-180
‐
-210
uA
Output Sink Current
INV=1V,FB=0.5V
140
170
200
uA
PWM CONTROLLER DRIVER
Output Source Current
ISOURCE
Duty<5%,OUT=0V
-150
-200
mA
Output Sink Current
ISINK
Duty>5%,OUT=5V
150
200
mA
CONTROL BLOCK
Control Voltage
VIL
Active mode
0.2VDD
VIH
Switch-off mode
0.8VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com