Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC9288 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC9288
Description  5V 6A 1.2MHz Synchronous Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9288 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC9288 Datasheet HTML 1Page - E-CMOS Corporation EC9288 Datasheet HTML 2Page - E-CMOS Corporation EC9288 Datasheet HTML 3Page - E-CMOS Corporation EC9288 Datasheet HTML 4Page - E-CMOS Corporation EC9288 Datasheet HTML 5Page - E-CMOS Corporation EC9288 Datasheet HTML 6Page - E-CMOS Corporation EC9288 Datasheet HTML 7Page - E-CMOS Corporation EC9288 Datasheet HTML 8Page - E-CMOS Corporation EC9288 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 12
4G18N-Rev.F001
5V 6A 1.2MHz Synchronous Boost Converter
EC9288
Symbol
Parameter
Rating
Unit
VOUT
Output and IC Supply Voltage (VOUT to GND)
-0.3 ~ 7
V
VBAT
Converter Supply Voltage (VBAT to GND)
-0.3 ~ 7
V
VSW
SW to GND Voltage
>30ns
-0.3 ~ 7
V
<30ns
-0.3 ~ 9
V
EN and FB to GND Voltage
-0.3 ~ 7
V
PGND to GND
-0.3 ~+0.3
V
TJ
Maximum Junction Temperature
150
C
TSTG
Storage Temperature
-65 ~ 150
C
TSDR
Maximum Lead Soldering Temperature (10 Seconds)
260
Absolute Maximum Ratings
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated
under "recommended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Thermal Characteristics
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operating Conditions(Note 3)
Symbol
Parameter
Rating
Unit
VOUT
Output and IC Supply Voltage (VOUT to GND)
2.7 ~5.5
V
VBAT
Converter Supply Voltage (VBAT to GND)
1.8 ~ VOUT
V
VSW
SW to GND Voltage
>30ns
-0.3 ~ VOUT +0.3
V
<30ns
-3 ~ VOUT +3
V
LBI, SYNC, EN, LBO and FB to GND Voltage
0 ~ VOUT
V
TJ
Junction Temperature
-40 ~ 125
C
TA
Ambient Temperature
-40 ~ 85
Note 3 : Refer to the typical application circuit
Symbol
Parameter
Typical Value
Unit
θJA
Junction-to-Ambient Resistance in free air (Note 2)
50
θJC
Junction-to-Case Resistance
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com