Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPCG0730LR40 Datasheet(PDF) 1 Page - Kemet Corporation

Part # MPCG0730LR40
Description  Power, MPCG, 400 nH, 20%
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

MPCG0730LR40 Datasheet(HTML) 1 Page - Kemet Corporation

  MPCG0730LR40 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 7c3e4eae-3559-4f26-bcb1-a539070798b3
KEMET Part Number: MPCG0730LR40
(UPIB0730LR4000)
Power, MPCG, 400 nH, 20%
Dimensions
Chip Size
3026
L
7.5mm +/-0.5mm
W
6.7mm +/-0.3mm
T
3mm MAX
LL
1.5mm NOM
G
1.65mm +/-0.3mm
Packaging Specifications
Packaging: T&R, 330mm
Packaging Quantity: 1000
General Information
Style: SMD Chip
Series: MPCG
Description: Shielded, Surface Mount
Inductor
Features: High Speed, Large Current DC/
DC Converter
RoHS: Yes
Core: Composite
Specifications
Inductance: 0.4 uH (0.1 MHz)
Inductance Tolerance: 20%
Temperature Range: -20/+120C
Shielded: Yes
Current:
16000 mAmps (Isat, 20% Drop
In Inductance), 16000 mAmps
(Irms, 40C Rise By Self Heating)
DC Resistance: 2.6 mOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - MPCG0730LR40

ManufacturerPart #DatasheetDescription
logo
NEC
MPCG0740LR42 NEC-MPCG0740LR42 Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
MPCG0740LR42 KEMET-MPCG0740LR42 Datasheet
69Kb / 1P
Power, MPCG, 420 nH, 20%
logo
Texas Instruments
MPCG0740LR42C TI1-MPCG0740LR42C Datasheet
1Mb / 27P
3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
More results

Similar Description - MPCG0730LR40

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPC0750LR60C KEMET-MPC0750LR60C Datasheet
69Kb / 1P
Power, MPC, 600 nH, 20%
MPC1040LR36C KEMET-MPC1040LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPC1040LR56C KEMET-MPC1040LR56C Datasheet
69Kb / 1P
Power, MPC, 560 nH, 20%
MPC1055L1R0C KEMET-MPC1055L1R0C Datasheet
68Kb / 1P
Power, MPC, 1000 nH, 20%
MPC1250LR50C KEMET-MPC1250LR50C Datasheet
69Kb / 1P
Power, MPC, 500 nH, 20%
MPCG0740LR42 KEMET-MPCG0740LR42 Datasheet
69Kb / 1P
Power, MPCG, 420 nH, 20%
MPCG1040LR36 KEMET-MPCG1040LR36 Datasheet
69Kb / 1P
Power, MPCG, 360 nH, 20%
MPCG1040LR45 KEMET-MPCG1040LR45 Datasheet
69Kb / 1P
Power, MPCG, 450 nH, 20%
MPCG1040LR88 KEMET-MPCG1040LR88 Datasheet
69Kb / 1P
Power, MPCG, 880 nH, 20%
MPCH0740LR15 KEMET-MPCH0740LR15 Datasheet
69Kb / 1P
Power, MPCH, 150 nH, 20%
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com