Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPLC0730L2R2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # MPLC0730L2R2
Description  Power, MPLC, 2200 nH, 20%
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

MPLC0730L2R2 Datasheet(HTML) 1 Page - Kemet Corporation

  MPLC0730L2R2 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - a146d738-06a3-4648-ad98-26a365ca976a
KEMET Part Number: MPLC0730L2R2
(UPID0730L2R200)
Power, MPLC, 2200 nH, 20%
Dimensions
Chip Size
3026
L
7.7mm MAX
W
6.7mm +/-0.2mm
T
3mm MAX
LL
1.4mm NOM
G
3.2mm +/-0.1mm
Packaging Specifications
Packaging: T&R, 380mm
Packaging Quantity: 1000
General Information
Style: SMD Chip
Series: MPLC
Description: Shielded, Surface Mount
Inductor
Features: Large Current Inductors
RoHS: Yes
Core: Composite
Specifications
Inductance: 2.2 uH (0.1 MHz)
Inductance Tolerance: 20%
Temperature Range: -20/+120C
Shielded: Yes
Current:
8200 mAmps (Isat, 20% Drop In
Inductance), 7300 mAmps (Irms,
40C Rise By Self Heating)
DC Resistance: 19 mOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - MPLC0730L2R2

ManufacturerPart #DatasheetDescription
logo
NEC
MPLC0730L2R2 NEC-MPLC0730L2R2 Datasheet
2Mb / 104P
Power Inductors
More results

Similar Description - MPLC0730L2R2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPLC0730L1R0 KEMET-MPLC0730L1R0 Datasheet
68Kb / 1P
Power, MPLC, 1000 nH, 20%
MPLC0730L1R5 KEMET-MPLC0730L1R5 Datasheet
69Kb / 1P
Power, MPLC, 1500 nH, 20%
MPLC0730L3R3 KEMET-MPLC0730L3R3 Datasheet
68Kb / 1P
Power, MPLC, 3300 nH, 20%
MPLC0730L4R7 KEMET-MPLC0730L4R7 Datasheet
68Kb / 1P
Power, MPLC, 4700 nH, 20%
MPLC1040L1R5 KEMET-MPLC1040L1R5 Datasheet
68Kb / 1P
Power, MPLC, 1500 nH, 20%
MPLC1040L2R2 KEMET-MPLC1040L2R2 Datasheet
68Kb / 1P
Power, MPLC, 2200 nH, 20%
MPLC1040L3R3 KEMET-MPLC1040L3R3 Datasheet
69Kb / 1P
Power, MPLC, 3300 nH, 20%
MPLC1040L4R7 KEMET-MPLC1040L4R7 Datasheet
69Kb / 1P
Power, MPLC, 4700 nH, 20%
MPLC0730L4R7 KEMET-MPLC0730L4R7_19 Datasheet
73Kb / 1P
KEMET, MPLC, Power, 4700 nH, 20%
MPLC1040L2R2 KEMET-MPLC1040L2R2_19 Datasheet
73Kb / 1P
KEMET, MPLC, Power, 2200 nH, 20%
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com