Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMS3106A10SL-10SW Datasheet(PDF) 8 Page - DDK Ltd.

Part # DMS3106A10SL-10SW
Description  MIL-DTL-5015 Style Circular Connectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3106A10SL-10SW Datasheet(HTML) 8 Page - DDK Ltd.

Back Button DMS3106A10SL-10SW Datasheet HTML 4Page - DDK Ltd. DMS3106A10SL-10SW Datasheet HTML 5Page - DDK Ltd. DMS3106A10SL-10SW Datasheet HTML 6Page - DDK Ltd. DMS3106A10SL-10SW Datasheet HTML 7Page - DDK Ltd. DMS3106A10SL-10SW Datasheet HTML 8Page - DDK Ltd. DMS3106A10SL-10SW Datasheet HTML 9Page - DDK Ltd. DMS3106A10SL-10SW Datasheet HTML 10Page - DDK Ltd. DMS3106A10SL-10SW Datasheet HTML 11Page - DDK Ltd. DMS3106A10SL-10SW Datasheet HTML 12Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
http://www.ddknet.co.jp
D/MS A/B Series
8
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
Front View of Pin Insert
Number
of
Contact
Insert
Number
Alternate Insert Key
W
X
Y
Z
1
20-2
—
—
—
—
2
10SL-4
—
—
—
—
12S-3
70°
145°
215°
290°
14S-9
70°
145°
215°
290°
20-23
35°
110°
250°
325°
32-5
35°
110°
250°
325°
3
10SL-3
—
—
—
—
14S-1
—
—
—
—
14S-7
90°
180°
270°
—
16S-5
70°
145°
215°
290°
16-10
90°
180°
270°
—
18-5
80°
110°
250°
280°
18-21
—
—
—
—
18-22
70°
145°
215°
290°
22-2
70°
145°
215°
290°
28-6
70°
145°
215°
290°
36-4
70°
145°
215°
290°
4
14S-2
—
120°
240°
—
18-4
35°
110°
250°
325°
18-10
—
120°
240°
—
20-4
45°
110°
250°
—
22-10
35°
120°
250°
325°
22-22
—
110°
250°
—
24-22
45°
110°
250°
—
32-17
45°
110°
250°
—
36-5
—
120°
240°
—
5
14S-5
—
110°
—
—
16S-8
—
170°
265°
—
18-11
—
170°
265°
—
18-20
90°
180°
270°
—
32-1
80°
110°
250°
280°
32-2
70°
145°
215°
290°
6
14S-6
—
—
—
—
18-12
80°
—
—
280°
20-17
90°
180°
270°
—
20-22
80°
—
—
280°
36-3
70°
145°
215°
290°
Number
of
Contact
Insert
Number
Alternate Insert Key
W
X
Y
Z
7
16S-1
80°
—
—
280°
20-15
80°
—
—
280°
22-28
80°
—
—
280°
24-2
80°
—
—
280°
24-10
80°
—
—
280°
28-10
80°
110°
250°
280°
8
18-8
70°
—
—
290°
20-7
80°
110°
250°
280°
22-23
35°
—
—
—
9
20-16
80°
110°
250°
280°
20-18
35°
110°
250°
325°
24-11
35°
110°
250°
325°
10
18-1
70°
145°
215°
290°
18-19
—
120°
240°
—
11
24-20
80°
110°
250°
280°
14
20-27
35°
110°
250°
325°
22-19
80°
110°
250°
280°
28-20
80°
110°
250°
280°
32-9
80°
110°
250°
280°
16
24-5
80°
110°
250°
280°
24-7
80°
110°
250°
280°
17
20-29
80°
—
—
280°
19
22-14
80°
110°
250°
280°
20
28-16
80°
110°
250°
280°
22
28-11
80°
110°
250°
280°
24
24-28
80°
110°
250°
280°
26
28-12
90°
180°
270°
—
30
32-8
80°
125°
235°
280°
31
36-9
80°
125°
235°
280°
35
28-15
80°
110°
250°
280°
32-7
80°
125°
235°
280°
37
28-21
80°
110°
250°
280°
48
36-10
80°
125°
235°
280°
52
32-414
80°
110°
250°
280°
54
32A-10
—
—
—
—
73
36-73
80°
110°
250°
280°
Y
X
W
Z
キー変換位置記号
CL
A3
11
Y
X
W
Z
CL
Y
X
W
Z
キー変換位置記号
CL
A3
11
Y
X
W
Z
CL
Front View of Socket Insert
○Alternate Insert Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com