Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LL3-DS06 Datasheet(PDF) 3 Page - SICK AG

Part # LL3-DS06
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LL3-DS06 Datasheet(HTML) 3 Page - SICK AG

  LL3-DS06 Datasheet HTML 1Page - SICK AG LL3-DS06 Datasheet HTML 2Page - SICK AG LL3-DS06 Datasheet HTML 3Page - SICK AG LL3-DS06 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LL3-DS06 | LL3
FIBER-OPTIC SENSORS AND FIBERS
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Sensing ranges with WLL180T
Operating mode 16 µs
18 mm
Operating mode 70 µs
55 mm
Operating mode 250 µs
95 mm
Operating mode 2 ms
190 mm
Operating mode 8 ms
360 mm
Sensing ranges with GLL170
Operating mode 250 µs
60 mm
Sensing ranges with GLL170T
Operating mode 50 µs
50 mm
Operating mode 250 µs
90 mm
Dimensional drawing (Dimensions in mm (inch))
LL3-DS06
M3 x 0.5
Ø 1.0 x 2
Ø 0.5 x 2
Ø 5.5
Ø 2.5
12
2000
M3x0,5
ø 1,0x2
ø 0,5x2
ø 5,5
ø 2,5
12
2000
2017-08-15 16:43:06 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com